Electronic Components Datasheet Search
  English  ▼

X  

2SA1774EB Datasheet(PDF) 2 Page - Rohm

Part # 2SA1774EB
Description  PNP -150mA -50V General Purpose Transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1774EB Datasheet(HTML) 2 Page - Rohm

  2SA1774EB Datasheet HTML 1Page - Rohm 2SA1774EB Datasheet HTML 2Page - Rohm 2SA1774EB Datasheet HTML 3Page - Rohm 2SA1774EB Datasheet HTML 4Page - Rohm 2SA1774EB Datasheet HTML 5Page - Rohm 2SA1774EB Datasheet HTML 6Page - Rohm 2SA1774EB Datasheet HTML 7Page - Rohm 2SA1774EB Datasheet HTML 8Page - Rohm 2SA1774EB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SA2029 / 2SA1774EB / 2SA1774 / 2SA1576UB / 2SA1576A / 2SA1037AK
lAbsolute maximum ratings (Ta = 25°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Junction temperature
Range of storage temperature
lElectrical characteristics(Ta = 25
C)
*1 PW=10ms Single Pulse
*2 Each terminal mounted on a reference footprint
lh
FE rank categories
Tj
150
Rank
Q
R
S
hFE
120 to 270
180 to 390
270 to 560
Max.
-100
-0.5
-
-50
-
-
Conditions
Min.
Typ.
Symbol
Parameter
Symbol
Values
Unit
VCBO
-60
V
VCEO
-50
V
VEBO
-6
V
Power dissipation
PD
*2
Collector current
ICP
*1
-200
2SA2029
2SA1774EB
2SA1774
2SA1576UB
2SA1576A
2SA1037AK
150
200
mW
mW
mA
IC
-150
mA
°C
Tstg
-55 to +150
°C
-
V
Emitter-base
breakdown voltage
BVEBO
IE = -50mA
-6
-
-
V
Collector-base
breakdown voltage
BVCBO
IC = -50mA
-60
-
Unit
Collector-emitter
breakdown voltage
BVCEO
IC = -1mA
V
Parameter
nA
Emitter cut-off current
IEBO
VEB = -6V
-
-
-100
nA
Collector cut-off current
ICBO
VCB = -60V
-
-
V
DC current gain
hFE
VCE = -6V, IC = -1mA
120
-
560
-
Collector-emitter
saturation voltage
VCE(sat)
IC = -50mA, IB = -5mA
-
-
MHz
Output capacitance
Cob
VCB = -12V, IE = 0mA
f = 1MHz
-
4.0
5.0
pF
Transition frequency
fT
VCE = -12V, IE = 2mA
f=100MHZ
-
140
2/12
2013.05 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com