Electronic Components Datasheet Search
  English  ▼

X  

2SA1774 Datasheet(PDF) 7 Page - Rohm

Part # 2SA1774
Description  PNP -150mA -50V General Purpose Transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1774 Datasheet(HTML) 7 Page - Rohm

Back Button 2SA1774 Datasheet HTML 3Page - Rohm 2SA1774 Datasheet HTML 4Page - Rohm 2SA1774 Datasheet HTML 5Page - Rohm 2SA1774 Datasheet HTML 6Page - Rohm 2SA1774 Datasheet HTML 7Page - Rohm 2SA1774 Datasheet HTML 8Page - Rohm 2SA1774 Datasheet HTML 9Page - Rohm 2SA1774 Datasheet HTML 10Page - Rohm 2SA1774 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SA2029 / 2SA1774EB / 2SA1774 / 2SA1576UB / 2SA1576A / 2SA1037AK
lDimensions (Unit : mm)
Dimension in mm / inches
VMT3
MIN
MAX
MIN
MAX
A
0.45
0.55
0.018
0.022
A1
0.00
0.10
0.000
0.004
b
0.17
0.27
0.007
0.011
b1
0.27
0.37
0.011
0.015
c
0.08
0.18
0.003
0.007
D
1.10
1.30
0.043
0.051
E
0.70
0.90
0.028
0.035
e
HE
1.10
1.30
0.043
0.051
L
0.10
0.30
0.004
0.012
Lp
0.20
0.40
0.008
0.016
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
b2
-
0.37
-
0.015
b3
-
0.47
-
0.019
e1
l1
-
0.50
-
0.020
DIM
MILIMETERS
INCHES
0.80
0.031
DIM
MILIMETERS
INCHES
0.40
0.02
b1
D
e
b
x
S A
A
c
S
b2
b3
e
Pattern of terminal position areas
[Not a recommended pattern of soldering pads]
7/12
2013.05 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com