Electronic Components Datasheet Search
  English  ▼

X  

AD7660 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7660
Description  Low Cost, 4-Channel, 16-Bit 1 MSPS PulSAR짰 ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7660 Datasheet HTML 8Page - Analog Devices AD7660 Datasheet HTML 9Page - Analog Devices AD7660 Datasheet HTML 10Page - Analog Devices AD7660 Datasheet HTML 11Page - Analog Devices AD7660 Datasheet HTML 12Page - Analog Devices AD7660 Datasheet HTML 13Page - Analog Devices AD7660 Datasheet HTML 14Page - Analog Devices AD7660 Datasheet HTML 15Page - Analog Devices AD7660 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7655
Rev. B | Page 12 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
65536
CODE
0
–4
–5
–2
–3
–1
2
1
4
3
5
16384
0
32768
49152
Figure 5. Integral Nonlinearity vs. Code
CODE IN HEX
4000
3000
2000
1000
0
7FFD
7059
1094
1230
77
29
0
0
00
7FFE 7FFF 8000 8001 8002 8003 8004 8005
8000
7000
6000
5000
7FFC
6894
Figure 6. Histogram of 16,384 Conversions of a DC Input at the
Code Transition
FREQUENCY (kHz)
–140
–160
–180
0
25
125
150
50
75
100
175
200
225
250
–80
–100
–120
–20
–40
–60
0
8192 POINT FFT
fS = 500kHz
fIN = 100kHz, –0.5dB
SNR = 85.8dB
THD = –91.4dB
SFDR = 93.6dB
SINAD = 84.5dB
Figure 7. FFT Plot
65536
CODE
0
–3
–2
–1
1
2
3
16384
0
32768
49152
Figure 8. Differential Nonlinearity vs. Code
CODE IN HEX
4000
3000
2000
1000
0
8480
3505
3396
220
739
39
0
0
5
9000
8000
7000
6000
5000
7FFD
7FFE
7FFF
8000
8001
8002
8003
8004
7FFC
Figure 9. Histogram of 16,384 Conversions of a DC Input at the
Code Center
TEMPERATURE (
°C)
90
87
84
–15
5
25
45
65
85
105
125
96
93
–35
–55
–98
–102
–106
–90
–94
THD
SNR
Figure 10. SNR, THD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com