Electronic Components Datasheet Search
  English  ▼

X  

ADM705AR Datasheet(PDF) 1 Page - Analog Devices

Part # ADM705AR
Description  Low Cost Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM705AR Datasheet(HTML) 1 Page - Analog Devices

  ADM705AR Datasheet HTML 1Page - Analog Devices ADM705AR Datasheet HTML 2Page - Analog Devices ADM705AR Datasheet HTML 3Page - Analog Devices ADM705AR Datasheet HTML 4Page - Analog Devices ADM705AR Datasheet HTML 5Page - Analog Devices ADM705AR Datasheet HTML 6Page - Analog Devices ADM705AR Datasheet HTML 7Page - Analog Devices ADM705AR Datasheet HTML 8Page - Analog Devices ADM705AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Cost Microprocessor
Supervisory Circuits
ADM705/ADM706/ADM707/ADM708
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Guaranteed RESET valid with VCC = 1 V
190 μA quiescent current
Precision supply voltage monitor
4.65 V (ADM705/ADM707)
4.40 V (ADM706/ADM708)
200 ms reset pulse width
Debounced TTL/CMOS manual reset input (MR)
Independent watchdog timer (ADM705/ADM706)
1.60 sec timeout (ADM705/ADM706)
Active high reset output (ADM707/ADM708)
Voltage monitor for power-fail or low battery warning
Superior upgrade for MAX705 to MAX708
APPLICATIONS
Microprocessor systems
Computers
Controllers
Intelligent instruments
Critical microprocessor supply monitoring
FUNCTIONAL BLOCK DIAGRAMS
WATCHDOG
TRANSITION
DETECTOR
WATCHDOG
INPUT (WDI)
POWER-FAIL
INPUT (PFI)
POWER-FAIL
OUTPUT (PFO)
WATCHDOG
OUTPUT (WDO)
RESET
*VOLTAGE REFERENCE = 4.65V (ADM705), 4.40V (ADM706)
ADM705/
ADM706
RESET AND
WATCHDOG
TIMEBASE
RESET
GENERATOR
MR
VCC
250μA
VCC
WATCHDOG
TIMER
4.65V*
1.25V
Figure 1. ADM705/ADM706
1.25V
POWER-FAIL
INPUT (PFI)
RESET
* VOLTAGE REFERENCE = 4.65V (ADM707), 4.40V (ADM708)
ADM707/
ADM708
RESET
GENERATOR
MR
VCC
250μA
VCC
RESET
4.65V*
POWER-FAIL
OUTPUT (PFO)
Figure 2. ADM707/ADM708
GENERAL DESCRIPTION
The ADM705/ADM706/ADM707/ADM708 microprocessor
supervisory circuits are suitable for monitoring 5 V power
supplies/batteries and can also monitor microprocessor activity.
The ADM705/ADM706 provide power-supply monitoring
circuitry that generate a reset output during power-up, power-
down, and brownout conditions. The reset output remains
operational with VCC as low as 1 V. Independent watchdog
monitoring circuitry is also provided. This is activated if the
watchdog input has not been toggled within 1.60 seconds.
In addition, there is a 1.25 V threshold detector to warn of
power-failures, to detect low battery conditions, or to monitor an
additional power supply. An active low, debounced manual reset
input (MR) is also included.
The ADM705 and ADM706 are identical except for the reset
threshold monitor levels, which are 4.65 V and 4.40 V, respectively.
The ADM707 and ADM708 provide a similar functionality to
the ADM705 and ADM706 and only differ in that a watchdog
timer function is not available. Instead, an active high reset
output (RESET) is available as well as the active low reset output
(RESET). The ADM707 and ADM708 are identical except for
the reset threshold monitor levels, which are 4.65 V and 4.40 V,
respectively.
All parts are available in narrow 8-lead PDIP and 8-lead SOIC
packages.


Similar Part No. - ADM705AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM705AR AD-ADM705AR Datasheet
143Kb / 8P
Low Cost uP Supervisory Circuits
REV.B
ADM705AR AD-ADM705AR Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705AR AD-ADM705AR Datasheet
410Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM705AR-REEL AD-ADM705AR-REEL Datasheet
410Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM705AR-REEL7 AD-ADM705AR-REEL7 Datasheet
410Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. H
More results

Similar Description - ADM705AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706AR-REEL AD-ADM706AR-REEL Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ AD-ADM706ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705 AD-ADM705_15 Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706 AD-ADM706_15 Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM707 AD-ADM707_15 Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708 AD-ADM708_15 Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705 AD-ADM705_V01 Datasheet
410Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com