Electronic Components Datasheet Search
  English  ▼

X  

AD7091R Datasheet(PDF) 16 Page - Analog Devices

Part # AD7091R
Description  1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7091R Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7091R Datasheet HTML 12Page - Analog Devices AD7091R Datasheet HTML 13Page - Analog Devices AD7091R Datasheet HTML 14Page - Analog Devices AD7091R Datasheet HTML 15Page - Analog Devices AD7091R Datasheet HTML 16Page - Analog Devices AD7091R Datasheet HTML 17Page - Analog Devices AD7091R Datasheet HTML 18Page - Analog Devices AD7091R Datasheet HTML 19Page - Analog Devices AD7091R Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7091R
Data Sheet
Rev. 0 | Page 16 of 20
SERIAL INTERFACE
The AD7091R serial interface consists of four signals: SDO,
SCLK, CONVST, and CS. The serial interface is used for
accessing data from the result register and controlling the
modes of operation of the device. SCLK is the serial clock input
for the device, and SDO data transfers take place with respect to
this SCLK. The CONVST signal is used to initiate the
conversion process and to select the mode of operation of the
AD7091R (see the Modes of Operation section). CS is used to
frame the data. The falling edge of CS takes the SDO line out of a
high impedance state. A rising edge on CS returns the SDO to a
high impedance state.
The logic level of CS at the end of a conversion determines whether
the BUSY indicator feature is enabled. This feature affects the
propagation of the MSB with respect to CS and SCLK.
WITH BUSY INDICATOR
When the BUSY indicator feature is enabled, the SDO pin can
be used as an interrupt signal to indicate that a conversion is
complete. The connection diagram for this configuration is
shown in Figure 26. Note that a pull-up resistor to VDRIVE is
required on the SDO pin. This allows the host to detect when
the SDO pin exits the three-state condition after the end of a
conversion. In this mode, 13 SCLK cycles are required: 12 clock
cycles to propagate out the data and an additional clock cycle to
return the SDO pin to the three-state condition.
To enable the BUSY indicator feature, a conversion should first
be started. A high-to-low transition on CONVST initiates a
conversion. This puts the track-and-hold into hold mode and
samples the analog input at this point. If the user does not want
the AD7091R to enter power-down mode, CONVST should be
taken high before the end of the conversion. A conversion
requires 650 ns to complete. When the conversion process is
finished, the track-and-hold goes back to track mode. Before
the end of a conversion, pull CS low to enable the BUSY
indicator feature.
The conversion result is shifted out of the device as a 12-bit
word under the control of SCLK and the logic state of CS at the
end of a conversion. At the end of a conversion, SDO is driven
low. SDO remains low until the MSB (DB11) of the conversion
result is clocked out on the first falling edge of SCLK. DB10 to
DB0 are shifted out on the subsequent falling edges of SCLK.
The 13th SCLK falling edge returns SDO to a high impedance
state. Data is propagated on SCLK falling edges and is valid on
both the rising and falling edges of the next SCLK. The timing
diagram for this mode is shown in Figure 27.
If another conversion is required, pull CONVST low again and
repeat the read cycle.
Figure 26. Connection Diagram with BUSY Indicator
Figure 27. Serial Port Timing with BUSY Indicator
DATA IN
IRQ
CLK
CONVERT
VDRIVE
DIGITAL HOST
100kΩ
CONVST
SCLK
SDO
CS
AD7091R
CS1
THREE-STATE
THREE-STATE
CS
SCLK
1
5
12
2
3
4
DB11
DB10
DB9
DB2
DB1
DB0
t2
t4
t3
t5
t6
DB8
DB7
SDO
CONVST
EOC
NOTES
1. EOC IS THE END OF A CONVERSION.
t1
10
11
t9
tQUIET
t7
t8
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com