Electronic Components Datasheet Search
  English  ▼

X  

AD8232ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8232ACPZ-R7
Description  Single-Lead, Heart Rate Monitor Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8232ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8232ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD8232
Data Sheet
Rev. A | Page 26 of 28
Figure 68. Low Power Portable Cardiac Monitor
RA
LA
RL
+VS
+VS
+VS
HPSENSE
IAOUT
REFIN
GND
FR
AC/DC
SDN
LO+
LO–
+IN
–IN
HPDRIVE
RLD
RLDFB
OUT
OPAMP+
OPAMP–
REFOUT
SW
AD8232
6.8nF
1MΩ
1MΩ
332kΩ
2.7nF
100kΩ
180kΩ
180kΩ
1MΩ
10MΩ
10MΩ
0.1µF
10MΩ
1nF
10MΩ
10MΩ
0.1µF
360kΩ
4.7µF
4.7µF
+VS
1µF
1µF
+VS
4.7µF
0.47µF
0.47µF
1µF
VBATT
+VS
ADXL346
VS
VDDIO
GND
TO HOST,
MEMORY
OR
DISPLAY
+VS = +2.8V
TX
CLK
RX
CS
ELECTRODE
INTERFACE
P1.SCLK0
P1.4/MISO0
P1.6/MOSI0
P0.1/SCLK1
P0.2/MOSI1
P0.0/MISO1
P0.3/CS1
P0.6/IRQ2
P1.7/CS0
REG_DVDD
AVDD_REG
ADuCM360
ADP150x-2.8
GND
VIN
VOUT
SCL/SCLK
INT2
SDA/SDI/SDIO
SDO/ALT_ADD
CS
AIN0
AIN1
P1.1
P1.0
P1.2
VREF+
VREF–
IOVDD
GND
AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com