Electronic Components Datasheet Search
  English  ▼

X  

ADT7301ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADT7301ARMZ
Description  짹1째C Accurate, 13-Bit, Digital Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADT7301ARMZ Datasheet HTML 8Page - Analog Devices ADT7301ARMZ Datasheet HTML 9Page - Analog Devices ADT7301ARMZ Datasheet HTML 10Page - Analog Devices ADT7301ARMZ Datasheet HTML 11Page - Analog Devices ADT7301ARMZ Datasheet HTML 12Page - Analog Devices ADT7301ARMZ Datasheet HTML 13Page - Analog Devices ADT7301ARMZ Datasheet HTML 14Page - Analog Devices ADT7301ARMZ Datasheet HTML 15Page - Analog Devices ADT7301ARMZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADT7301
Rev. B | Page 15 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-178-AB
10°
4°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
6
5
1
2
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.30 MIN
0.55
0.45
0.35
PIN 1
INDICATOR
Figure 19. 6-Lead Small Outline Transistor Package [SOT-23]
(RJ-6)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 20. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Temperature Accuracy2
Package Description
Package Option
Branding
ADT7301ARTZ-500RL7
−40°C to +150°C
±1°C
6-Lead SOT-23
RJ-6
T1H
ADT7301ARTZ-REEL7
−40°C to +150°C
±1°C
6-Lead SOT-23
RJ-6
T1H
ADT7301ARMZ
−40°C to +150°C
±1°C
8-Lead MSOP
RM-8
T1H
ADT7301ARMZ-REEL7
−40°C to +150°C
±1°C
8-Lead MSOP
RM-8
T1H
EVAL-ADT7301EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 Temperature accuracy is over a 0°C to 70°C temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com