Electronic Components Datasheet Search
  English  ▼

X  

ADMP411 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMP411
Description  High SPL Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP411 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMP411 Datasheet HTML 3Page - Analog Devices ADMP411 Datasheet HTML 4Page - Analog Devices ADMP411 Datasheet HTML 5Page - Analog Devices ADMP411 Datasheet HTML 6Page - Analog Devices ADMP411 Datasheet HTML 7Page - Analog Devices ADMP411 Datasheet HTML 8Page - Analog Devices ADMP411 Datasheet HTML 9Page - Analog Devices ADMP411 Datasheet HTML 10Page - Analog Devices ADMP411 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADMP411
Rev. 0 | Page 7 of 12
APPLICATIONS INFORMATION
CODEC CONNECTIONS
The ADMP411 output can be connected to a dedicated codec
microphone input (see Figure 11) or to a high input impedance
gain stage (see Figure 12). A 0.1 µF ceramic capacitor placed
close to the ADMP411 supply pin is used for testing and is
recommended to adequately decouple the microphone from
noise on the power supply. A dc blocking capacitor is required at
the output of the microphone. This capacitor creates a high-pass
filter with a corner frequency at
fC = 1/(2π × C × R)
where R is the input impedance of the codec.
A minimum value of 4.7 μF is recommended in Figure 11
because the ADAU1761/ADAU1361 input impedance can be
as low as 2 kΩ at its highest PGA gain setting, which results
in a high-pass filter corner frequency at 17 Hz.
Figure 12 shows the ADMP411 connected to an ADA4075-2
op amp configured as a noninverting preamplifier. The
AN-1165 Application Note describes using op amps for
microphone preamp circuits and includes a list of
recommended Analog Devices, Inc., op amps.
Figure 11. ADMP411 Connected to the Analog Devices ADAU1761 or
ADAU1361 Codec
Figure 12. ADMP411 Connected to the ADA4075-2 Op Amp
DYNAMIC RANGE CONSIDERATIONS
To fully utilize the 99 dB dynamic range of the ADMP411 in
a design, the preamp, ADC, or codec circuit following it must
be chosen carefully. For example, the ADAU1761 has a 98 dB
dynamic range with VDD = 3.3 V. To match the dynamic ranges
between the microphone and the ADC input of the codec, some
gain must be added to the ADMP411 output. For example, at
the 131 dB SPL maximum acoustic input, the ADMP411 outputs a
−13 dBV rms signal. The full-scale input voltage of the ADAU1761
ADC is 0 dBV; therefore, 13 dB of gain must be added to the
signal to match the dynamic range of the microphone with the
dynamic range of the codec.
SUPPORTING DOCUMENTS
Evaluation Board User Guide
UG-445, EVAL-ADMP411Z-FLEX: Bottom-Ported Analog
Output MEMS Microphone Evaluation Board
Application Notes
AN-1003, Recommendations for Mounting and Connecting
Analog Devices, Inc., Bottom-Ported MEMS Microphones
AN-1068, Reflow Soldering of the MEMS Microphone
AN-1112, Microphone Specifications Explained
AN-1124, Recommendations for Sealing Analog Devices, Inc.,
Bottom-Port MEMS Microphones from Dust and Liquid
Ingress
AN-1140, Microphone Array Beamforming
AN-1165, Op Amps for MEMS Microphone Preamp Circuits
AN-1181, Using a MEMS Microphone in a 2-Wire Microphone
Circuit
ADAU1761
OR
ADAU1361
ADMP411
VDD
GND
OUTPUT
LINN
LINP
MICBIAS
CM
4.7µF
MINIMUM
0.1µF
GAIN = (R1 + R2)/R1
ADMP411
GND
OUTPUT
1µF
MINIMUM
0.1µF
10kΩ
R1
R2
VDD
VREF
VOUT
VREF
ADA4075-2
1.8V TO 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com