Electronic Components Datasheet Search
  English  ▼

X  

FT232R Datasheet(PDF) 5 Page - Analog Devices

Part # FT232R
Description  USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FT232R Datasheet(HTML) 5 Page - Analog Devices

  FT232R Datasheet HTML 1Page - Analog Devices FT232R Datasheet HTML 2Page - Analog Devices FT232R Datasheet HTML 3Page - Analog Devices FT232R Datasheet HTML 4Page - Analog Devices FT232R Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Circuit Note
CN-0221
Rev. 0 | Page 5 of 5
RTD Measurement Test
To evaluate the RTD circuit and linearization source code, the
RTD on the board was replacement with an accurate, adjustable
resistance source. The instrument used was the 1433-Z Decade
Resistor. The RTD values are from 90 Ω to 140 Ω, which represents
an RTD temperature range of −25°C to +114°C.
The test setup circuit is shown in Figure 8, and the error results
for the RTD tests are shown in Figure 9.
1433-Z
DECADE
RESISTOR
ADuCM360
0.1µF
0.01µF
0.01µF
RREF
5.6kΩ
0.1%
10Ω
10Ω
AVDD
VREF+
VREF–
IOVDD
AVDD
IOVDD
0.1µF
AIN5/IEXC
AIN0
AIN1
Figure 8. Test Setup for Measuring RTD Error
0
–0.01
–25
–5
TEMPERATURE (°C)
–0.02
–0.03
–0.04
–0.05
–0.06
–0.07
–0.08
–0.09
–0.10
15
35
55
75
95
115
Figure 9. Error in °C of RTD Measurement Using Piecewise Linearization Code
and ADC0 Measurements
LEARN MORE
CN0221 Design Support Package:
http://www.analog.com/CN0221-DesignSupport
ADIsimPower Design Tool.
Kester, Walt. 1999. Sensor Signal Conditioning. Analog Devices.
Chapter 7, "Temperature Sensors."
Kester, Walt. 1999. Sensor Signal Conditioning. Analog Devices.
Chapter 8, "ADCs for Signal Conditioning."
Looney, Mike. RTD Interfacing and Linearization Using an
ADuC706x Microcontroller. AN-0970 Application Note.
Analog Devices.
MT-022 Tutorial, ADC Architectures III: Sigma-Delta ADC
Basics. Analog Devices.
MT-023 Tutorial, ADC Architectures IV: Sigma-Delta ADC
Advanced Concepts and Applications. Analog Devices.
MT-031 Tutorial, Grounding Data Converters and Solving the
Mystery of "AGND" and "DGND." Analog Devices.
MT-101 Tutorial, Decoupling Techniques. Analog Devices.
ITS-90 Table for Type T Thermocouple.
Data Sheets and Evaluation Boards
ADuCM360/ADuCM361 Data Sheet
ADuCM360/ADuCM361 Evaluation Kit
ADM3202 UART to RS232 Transceiver Data Sheet
ADP120 Data Sheet
ADP1720 Data Sheet
REVISION HISTORY
5/12—Revision 0: Initial Version
(Continued fromfirst page)Circuits from the Lab circuits are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you
may use the Circuits from the Lab circuits in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by
application or use of the Circuits from the Lab circuits. Information furnished by Analog Devices is believed to be accurate and reliable. However, Circuits from the Lab circuits are supplied
"as is" and without warranties of any kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular
purpose and no responsibility is assumed by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices
reserves the right to change any Circuits from the Lab circuits at any time without notice but is under no obligation to do so.
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN09985-0-5/12(0)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com