Electronic Components Datasheet Search
  English  ▼

X  

ADP3334 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3334
Description  Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334 Datasheet(HTML) 1 Page - Analog Devices

  ADP3334 Datasheet HTML 1Page - Analog Devices ADP3334 Datasheet HTML 2Page - Analog Devices ADP3334 Datasheet HTML 3Page - Analog Devices ADP3334 Datasheet HTML 4Page - Analog Devices ADP3334 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0285
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport, visitwww.analog.com/CN0285.
Devices Connected/Referenced
ADF4351
Fractional-N PLL IC with Integrated VCO
ADL5375
Wideband Transmit Modulator
ADP150
Low Noise 3.3 V LDO
ADP3334
Low Noise Adjustable LDO
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
Rev. 0
Circuitsfromthe Lab™circuitsfromAnalog Deviceshave been designedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2013 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0285 Evaluation Board (EVAL-CN0285-EB1Z)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
This circuit is a complete implementation of the analog portion
of a broadband direct conversion transmitter (analog baseband
in, RF out). RF frequencies from 500 MHz to 4.4 GHz are
supported using a phase-locked loop (PLL) with a broadband,
integrated voltage controlled oscillator (VCO). Harmonic filtering
of the local oscillator (LO) from the PLL ensures excellent
quadrature accuracy, sideband suppression, and low EVM.
Figure 1. Direct Conversion Transmitter (Simplified Schematic: All Connections and Decoupling Not Shown)
2.7nF
680pF
47nF
1k
Ω
360
Ω
IBBP
IBBN
LOIP
LOIN
QBBP
QBBN
ADF4351
VVCO
VVCO
VDD
3.3V
CPGND
AGND
DGND
RFOUTB–
RFOUTB+
CPOUT
1nF
1nF
4.7k
Ω
RSET
LE
DATA
CLK
REFIN
FREFIN
VTUNE
DVDD AVDD CE
10
28
16
29
1
2
3
22
8
31
9
11
18
21
27
51
Ω
AGNDVCO
14
15
17
20
7
PDBRF
26
SDGND
6
32
SDVDD
VP
5
SW
4
ADL5375
RFOUT
RFOUTA–
RFOUTA+
13
12
VVCO
ZBIAS
ZBIAS
QUADRATURE
PHASE
SPLITTER
I/Q SMA INPUTS
I/Q SMA INPUTS
ADP150
1µF
1µF
5.5V
5.0V
VPS1, VPS2
ADP3334
1µF
1µF
5.5V


Similar Part No. - ADP3334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3334 AD-ADP3334 Datasheet
230Kb / 8P
High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0
ADP3334 AD-ADP3334 Datasheet
248Kb / 8P
Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADP3334 AD-ADP3334 Datasheet
238Kb / 4P
Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADP3334 AD-ADP3334 Datasheet
155Kb / 4P
Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
ADP3334 AD-ADP3334 Datasheet
380Kb / 12P
High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B
More results

Similar Description - ADP3334

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
DIRECT CONVERSION SATELLITE TUNER
BCM3419 BOARDCOM-BCM3419 Datasheet
76Kb / 1P
ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
Direct Conversion Receiver
logo
Broadcom Corporation.
BCM3419 BOARDCOM-BCM3419_06 Datasheet
156Kb / 2P
ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
Direct Conversion Transceiver
March 2003
logo
Analog Devices
CN-0144 AD-CN-0144 Datasheet
238Kb / 4P
Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
CN-0311 AD-CN-0311 Datasheet
155Kb / 4P
Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
CN-0134 AD-CN-0134 Datasheet
404Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. B
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
Direct Conversion Transceiver
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
Direct Conversion Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com