Electronic Components Datasheet Search
  English  ▼

X  

BAS70H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAS70H
Description  General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS70H Datasheet(HTML) 1 Page - NXP Semiconductors

  BAS70H Datasheet HTML 1Page - NXP Semiconductors BAS70H Datasheet HTML 2Page - NXP Semiconductors BAS70H Datasheet HTML 3Page - NXP Semiconductors BAS70H Datasheet HTML 4Page - NXP Semiconductors BAS70H Datasheet HTML 5Page - NXP Semiconductors BAS70H Datasheet HTML 6Page - NXP Semiconductors BAS70H Datasheet HTML 7Page - NXP Semiconductors BAS70H Datasheet HTML 8Page - NXP Semiconductors BAS70H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
Product profile
1.1 General description
General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic
packages.
1.2 Features
1.3 Applications
BAS70 series;
1PS7xSB70 series
General-purpose Schottky diodes
Rev. 09 — 13 January 2010
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
NXP
JEITA
1PS76SB70
SOD323
SC-76
single diode
1PS79SB70
SOD523
SC-79
single diode
BAS70
SOT23
-
single diode
BAS70H
SOD123F
-
single diode
BAS70L
SOD882
-
single diode
BAS70W
SOT323
SC-70
single diode
BAS70-04
SOT23
-
dual series
BAS70-04W
SOT323
SC-70
dual series
BAS70-05
SOT23
-
dual common cathode
BAS70-05W
SOT323
SC-70
dual common cathode
BAS70-06
SOT23
-
dual common anode
BAS70-06W
SOT323
SC-70
dual common anode
BAS70-07
SOT143B
-
dual isolated
BAS70-07S
SOT363
SC-88
dual isolated
BAS70-07V
SOT666
-
dual isolated
BAS70VV
SOT666
-
triple isolated
BAS70XY
SOT363
SC-88
quadruple; 2 series
High switching speed
Low leakage current
High breakdown voltage
Low capacitance
Ultra high-speed switching
Voltage clamping


Similar Part No. - BAS70H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70H DIODES-BAS70H Datasheet
60Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30190 Rev. 4 - 4
logo
NXP Semiconductors
BAS70H PHILIPS-BAS70H Datasheet
137Kb / 20P
General-purpose Schottky diodes
Rev. 08-4 May 2006
BAS70H NXP-BAS70H Datasheet
224Kb / 20P
General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
FutureWafer Tech Co.,Lt...
BAS70H FUTUREWAFER-BAS70H Datasheet
2Mb / 18P
Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
Nexperia B.V. All right...
BAS70H NEXPERIA-BAS70H Datasheet
872Kb / 8P
General-purpose Schottky diode
1 January 2023
More results

Similar Description - BAS70H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZH16C,115 NXP-NZH16C,115 Datasheet
112Kb / 9P
General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
PDTA114EU.115 NXP-PDTA114EU.115 Datasheet
728Kb / 17P
PNP Resistor-Equipped Transistor (RET) family in small Surface-Mounted Device (SMD) plastic packages.
Rev. 10-21 December 2011
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
BAS316.115 NXP-BAS316.115 Datasheet
150Kb / 20P
High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
BZX84JB3V6.115 NXP-BZX84JB3V6.115 Datasheet
166Kb / 13P
General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
NZH3V0B-115 PHILIPS-NZH3V0B-115 Datasheet
112Kb / 9P
General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
BZB84-C5V1215 PHILIPS-BZB84-C5V1215 Datasheet
90Kb / 14P
General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Rev. 03-9 June 2009
BCX52-10-115 NXP-BCX52-10-115 Datasheet
1Mb / 22P
PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
Rev. 9-18 October 2011
BAT721-215 PHILIPS-BAT721-215 Datasheet
82Kb / 11P
Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
Rev. 06-21 December 2006
NZH5V1B-115 PHILIPS-NZH5V1B-115 Datasheet
112Kb / 9P
General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com