Electronic Components Datasheet Search
  English  ▼

X  

IR4301M Datasheet(PDF) 5 Page - International Rectifier

Part # IR4301M
Description  Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4301M Datasheet(HTML) 5 Page - International Rectifier

  IR4301M Datasheet HTML 1Page - International Rectifier IR4301M Datasheet HTML 2Page - International Rectifier IR4301M Datasheet HTML 3Page - International Rectifier IR4301M Datasheet HTML 4Page - International Rectifier IR4301M Datasheet HTML 5Page - International Rectifier IR4301M Datasheet HTML 6Page - International Rectifier IR4301M Datasheet HTML 7Page - International Rectifier IR4301M Datasheet HTML 8Page - International Rectifier IR4301M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IR43x1
5 www.irf.com
© 2013 International Rectifier
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM=VN; all currents are defined positive into any lead. The
Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min
Max
Units
VP
VP pin positive power supply rail voltage
IR4301
-
80
V
IR4321
-
60
IR4311
-
40
VB
High side floating supply voltage
IR4301
-0.3
95
IR4321
-0.3
75
IR4311
-0.3
55
VCSH
CSH pin input voltage
VS -0.3
VB +0.3
VS
High side floating supply voltage
††
VB -15
VB +0.3
VCC
Low side supply voltage
††
-0.3
15
VAA
Floating input positive supply voltage
††
IR4301
-0.3
100
IR4321
-0.3
70
IR4311
-0.3
50
VSS
Floating input negative supply voltage
††
-1
(See ISSZ)
GND +0.3
VIN+
Floating input supply ground voltage
VSS -0.3
VAA +0.3
IIN
Input current between IN- and IN+ pins
†
-
±3
mA
VCSD
CSD pin input voltage
VSS -0.3
VAA +0.3
V
VCOMP
COMP pin input voltage
VSS -0.3
VAA +0.3
IAAZ
Floating input supply zener clamp current
††
-
20
mA
ISSZ
Floating input negative supply zener clamp current
††
-
20
ICCZ
Low side supply zener clamp current
†††
-
20
IBSZ
Floating supply zener clamp current
†††
-
20
dVS/dt
Allowable Vs voltage slew rate
-
50
V/ns
dVSS/dt
Allowable Vss voltage slew rate
†††
-
50
V/ms
Id@ 25ºC
Continuous output current, from VP to VS, VS
to VN, VCC=10V, VB-VS=10V
IR4301
-
6.5
A
IR4321
-
7.0
IR4311
-
3.6
Id@ 100ºC
Continuous output current, from VP to VS, VS
to VN, VCC=10V, VB-VS=10V
IR4301
-
5.4
IR4321
-
5.8
IR4311
-
2.9
IDM
Pulsed output current, from VP to VS, VS to
VN, VCC=10V, VB-VS=10V
†††††
IR4301
-
26
IR4321
-
28
IR4311
-
15
Pd
Power dissipation
†††† @ TC = 25C
IR4301
-
31
W
IR4321
-
31
IR4311
-
9
April 22, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com