Electronic Components Datasheet Search
  English  ▼

X  

B82422T1122 Datasheet(PDF) 6 Page - EPCOS

Part # B82422T1122
Description  SMT inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422T1122 Datasheet(HTML) 6 Page - EPCOS

  B82422T1122 Datasheet HTML 1Page - EPCOS B82422T1122 Datasheet HTML 2Page - EPCOS B82422T1122 Datasheet HTML 3Page - EPCOS B82422T1122 Datasheet HTML 4Page - EPCOS B82422T1122 Datasheet HTML 5Page - EPCOS B82422T1122 Datasheet HTML 6Page - EPCOS B82422T1122 Datasheet HTML 7Page - EPCOS B82422T1122 Datasheet HTML 8Page - EPCOS B82422T1122 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
10/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances and special versions on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82422X001
For more information refer to chapter “Sample kits”.
1) Replace the + by the code letter for the required inductance tolerance.
For reel size
‡ 330 mm the last digit has to be an »8«. Example: B82422T1104K008
2) For Ni-barrier-plated terminals replace the last two digits “00” by “50” (reel 180 mm) or “58” (reel 330 mm).
LR
PH
Tolerance
Qmin
fL; fQ
MHz
IR
mA
Rmax
:
fres,min
MHz
Ordering code1)2)
(
‡ 180-mm reel)
1.5
r5% J
r10% K
30
7.96
370
0.7
200
B82422T1152+000
1.8
30
7.96
350
0.8
140
B82422T1182+000
2.2
30
7.96
320
0.8
100
B82422T1222+000
2.7
30
7.96
290
0.9
70
B82422T1272+000
3.3
30
7.96
260
1.2
60
B82422T1332+000
3.9
30
7.96
250
1.3
60
B82422T1392+000
4.7
30
7.96
220
1.5
50
B82422T1472+000
5.6
27
7.96
200
1.6
45
B82422T1562+000
6.8
27
7.96
180
1.8
40
B82422T1682+000
8.2
27
7.96
170
2.0
35
B82422T1822+000
10
27
2.52
150
2.1
30
B82422T1103+000
12
27
2.52
140
2.5
25
B82422T1123+000
15
27
2.52
130
2.8
20
B82422T1153+000
18
27
2.52
120
3.0
20
B82422T1183+000
22
27
2.52
110
3.5
20
B82422T1223+000
27
27
2.52
80
4.5
20
B82422T1273+000
33
27
2.52
70
5.6
17
B82422T1333+000
39
27
2.52
65
6.4
16
B82422T1393+000
47
27
2.52
60
7.0
15
B82422T1473+000
56
27
2.52
60
8.0
12
B82422T1563+000
68
27
2.52
60
9.0
9
B82422T1683+000
82
25
2.52
60
10
9
B82422T1823+000
100
20
0.796
60
11
8
B82422T1104+000
^
^
B82422T
SMT inductors, SIMID series
SIMID 1210-T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com