Electronic Components Datasheet Search
  English  ▼

X  

BB201 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BB201
Description  Low-voltage variable capacitance double diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB201 Datasheet(HTML) 3 Page - NXP Semiconductors

  BB201 Datasheet HTML 1Page - NXP Semiconductors BB201 Datasheet HTML 2Page - NXP Semiconductors BB201 Datasheet HTML 3Page - NXP Semiconductors BB201 Datasheet HTML 4Page - NXP Semiconductors BB201 Datasheet HTML 5Page - NXP Semiconductors BB201 Datasheet HTML 6Page - NXP Semiconductors BB201 Datasheet HTML 7Page - NXP Semiconductors BB201 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Oct 12
3
NXP Semiconductors
Product specification
Low-voltage variable capacitance double
diode
BB201
CHARACTERISTICS
Tj =25 C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per diode
IR
reverse current
VR =15V

10
nA
VR =15V; Tj =85 C

200
nA
rS
diode series resistance
f = 100 MHz; VR =3V
0.25
0.5
Cd
diode capacitance
VR = 1 V; f = 1 MHz
89
95
102
pF
VR =3V; f= 1MHz
60
pF
VR = 7.5 V; f = 1 MHz
25.5
27.6
29.7
pF
VR =8V; f= 1MHz
25.5
pF
capacitance ratio
f = 1 MHz
3.1
3.8
C
d1V

C
d7.5V

--------------------
GRAPHICAL DATA
handbook, full pagewidth
0
140
100
120
20
40
60
80
MGU477
10−1
110
Cd
(pF)
VR (V)
102
Fig.2 Diode capacitance as a function of reverse voltage; typical values.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com