Electronic Components Datasheet Search
  English  ▼

X  

IRGP4640DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGP4640DPBF
Description  INSULATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4640DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRGP4640DPBF Datasheet HTML 1Page - International Rectifier IRGP4640DPBF Datasheet HTML 2Page - International Rectifier IRGP4640DPBF Datasheet HTML 3Page - International Rectifier IRGP4640DPBF Datasheet HTML 4Page - International Rectifier IRGP4640DPBF Datasheet HTML 5Page - International Rectifier IRGP4640DPBF Datasheet HTML 6Page - International Rectifier IRGP4640DPBF Datasheet HTML 7Page - International Rectifier IRGP4640DPBF Datasheet HTML 8Page - International Rectifier IRGP4640DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
TO-247AC
IRGP4640DPbF
TO-247AD
IRGP4640D-EP
G C
E
C
G C
E
C
IRGP4640DPbF
IRGP4640D-EPbF
www.irf.com © 2012 International Rectifier
January 8, 2013
1
E
G
n-channel
C
GC
E
Gate
Collector
Emitter
VCES = 600V
IC = 40A, TC = 100°C
tSC 5μs, TJ(max) = 175°C
VCE(on) typ. = 1.60V @ IC = 24A
Features
Benefits
Low VCE(ON) and Switching Losses
High efficiency in a wide range of applications and switching
frequencies
Square RBSOA and Maximum Junction Temperature 175°C
Improved reliability due to rugged hard switching performance
and higher power capability
Positive VCE (ON) Temperature Coefficient
Excellent current sharing in parallel operation
5μs short circuit SOA
Enables short circuit protection scheme
Lead-Free, RoHS compliant
Environmentally friendly
Applications
• Industrial Motor Drive
• Inverters
• UPS
• Welding
Form
Quantity
IRGP4640DPbF
TO-247AC
Tube
25
IRGP4640DPbF
IRGP4640D-EPbF
TO-247AD
Tube
25
IRGP4640D-EPbF
Base part number
Package Type
Standard Pack
Orderable part number
Absolute Maximum Ratings
Parameter
Max.
Units
V
CES
Collector-to-Emitter Voltage
600
V
I
C @ TC = 25°C
Continuous Collector Current
65
I
C @ TC = 100°C
Continuous Collector Current
40
I
CM
Pulse Collector Current, VGE = 15V
e
72
I
LM
Clamped Inductive Load Current, VGE = 20V
c
96
A
I
F @ TC = 25°C
Diode Continous Forward Current
65
I
F @ TC = 100°C
Diode Continous Forward Current
40
I
FM
Diode Maximum Forward Current
96
V
GE
Continuous Gate-to-Emitter Voltage
±20
V
Transient Gate-to-Emitter Voltage
±30
P
D @ TC = 25°C
Maximum Power Dissipation
250
W
P
D @ TC = 100°C
Maximum Power Dissipation
125
T
J
Operating Junction and
-55 to +175
T
ST G
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RJC (IGBT)
Junction-to-Case (IGBT)
f
–––
–––
0.60
°C/W
RJC (Diode)
Junction-to-Case (Diode)
f
–––
–––
1.62
RCS
Case-to-Sink (flat, greased surface)
–––
0.24
–––
RJA
Junction-to-Ambient (typical socket mount)
–––
–––
40


Similar Part No. - IRGP4640DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4640DPBF IRF-IRGP4640DPBF Datasheet
787Kb / 18P
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
logo
Infineon Technologies A...
IRGP4640DPBF INFINEON-IRGP4640DPBF Datasheet
787Kb / 18P
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
January 20, 2015
logo
International Rectifier
IRGP4640DPBF IRF-IRGP4640DPBF_15 Datasheet
787Kb / 18P
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
More results

Similar Description - IRGP4640DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SDPBF IRF-IRG4BC10SDPBF Datasheet
267Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC30KD-SPBF IRF-IRG4BC30KD-SPBF Datasheet
350Kb / 10P
INSUKATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSC71KDPBF IRF-IRG4PSC71KDPBF Datasheet
444Kb / 10P
INSUKATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast IGBT
IRG4IBC20KDPBF IRF-IRG4IBC20KDPBF Datasheet
278Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH30KDPBF IRF-IRG4PH30KDPBF Datasheet
468Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
452Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC20FDPBF IRF-IRG4BC20FDPBF Datasheet
318Kb / 11P
INSULATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFR RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
317Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
239Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com