Electronic Components Datasheet Search
  English  ▼

X  

BC847W Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BC847W
Description  45 V, 100 mA NPN general-purpose transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847W Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BC847W Datasheet HTML 7Page - NXP Semiconductors BC847W Datasheet HTML 8Page - NXP Semiconductors BC847W Datasheet HTML 9Page - NXP Semiconductors BC847W Datasheet HTML 10Page - NXP Semiconductors BC847W Datasheet HTML 11Page - NXP Semiconductors BC847W Datasheet HTML 12Page - NXP Semiconductors BC847W Datasheet HTML 13Page - NXP Semiconductors BC847W Datasheet HTML 14Page - NXP Semiconductors BC847W Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
BC847_BC547_SER_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 10 December 2008
13 of 15
NXP Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
BC847_BC547_SER_7
20081210
Product data sheet
-
BC847_BC547_SER_6
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Table 1 “Product overview”: enhanced
• Table 4 “Ordering information”: enhanced
• Table 5 “Marking codes”: enhanced
• Table 6 “Limiting values”: IEBO conditions amended
• Table 8 “Characteristics”: symbol N for parameter noise figure redefined to NF
• Table 9 “Packing methods”: enhanced
• Section 11 “Legal information”: updated
BC847_BC547_SER_6
20050519
Product data sheet
-
BC846_BC847_ BC848_5,
BC847M_SERIES_2,
BC846T_847T_ SERIES_3,
BC846W_BC847W_BC848W_4,
BC546_547_4
BC846_BC847_BC848_5
20040206
Product specification -
BC846_BC847_ BC848_4
BC847M_SERIES_2
20040310
Product specification -
BC847M_SERIES_1
BC846T_847T_SERIES_3
20001115
Product specification -
BC846T_847T_2
BC846W_BC847W_
BC848W_4
20020204
Product specification -
BC846W_847W_3
BC546_547_4
20041125
Product specification -
BC546_547_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com