Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FCC Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FCC
Description  Low-Power Dual Channel Digital Isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7420FCC Datasheet(HTML) 2 Page - Texas Instruments

  ISO7420FCC Datasheet HTML 1Page - Texas Instruments ISO7420FCC Datasheet HTML 2Page - Texas Instruments ISO7420FCC Datasheet HTML 3Page - Texas Instruments ISO7420FCC Datasheet HTML 4Page - Texas Instruments ISO7420FCC Datasheet HTML 5Page - Texas Instruments ISO7420FCC Datasheet HTML 6Page - Texas Instruments ISO7420FCC Datasheet HTML 7Page - Texas Instruments ISO7420FCC Datasheet HTML 8Page - Texas Instruments ISO7420FCC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISO7420FCC
SLLSED3A – JUNE 2013 – REVISED JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN DESCRIPTIONS
PIN
I/O
DESCRIPTION
NAME
ISO7420FCC
INA
2
I
Input, channel A
INB
3
I
Input, channel B
GND1
4
–
Ground connection for VCC1
GND2
5
–
Ground connection for VCC2
OUTA
7
O
Output, channel A
OUTB
6
O
Output, channel B
VCC1
1
–
Power supply, VCC1
VCC2
8
–
Power supply, VCC2
Table 1. FUNCTION TABLE
INPUT SIDE
OUTPUT SIDE
INPUT
OUTPUT
VCC
VCC
INA, INB
OUTA, OUTB
H
H
PU
PU
L
L
Open
L(1)
PD
PU
X
L(1)
X
PD
X
Undetermined
(1)
In fail-safe condition, output defaults to low level
AVAILABLE OPTIONS
DATA
DEFAULT
INTEGRATED
CHANNEL
MARKED
ORDERING
PRODUCT
RATED TA
RATE
OUTPUT
NOISE FILTER
DIRECTION
AS
NUMBER
ISO7420FCCD (rail)
–40°C to
ISO7420FCC
50 Mbps
Low
Yes
Same
7420FC
ISO7420FCCDR
125°C
(reel)
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
VCC1 ,
Supply voltage(2)
–0.5 V to 6 V
VCC2
VI
Voltage at INA, INB
–0.5 V to 6 V
VO
Voltage at OUTA, OUTB
–0.5 V to VCC + 0.5 V
IO
Output current
±15 mA
Human-body model
JEDEC Standard 22, Test Method
±4 kV
A114-C.01
All
ESD
Electrostatic discharge
pins
Field-induced charged-device
JEDEC Standard 22, Test Method
±1.5 kV
model
C101
TJ(Max)
Maximum junction temperature
150°C
Tstg
Storage temperature
-65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :ISO7420FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com