Electronic Components Datasheet Search
  English  ▼

X  

ST10 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # ST10
Description  microSDTM Small Memory Card Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

ST10 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  ST10 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. ST10 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. ST10 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. ST10 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/4
MB-0208-2
February 2012
JAE PMK Div. Proprietary. Copyright © 2012, Japan Aviation Electronics Industry, Ltd.
No. of Contacts: 8 pos.+ 2pos. (D-SW)
Contact Resistance: 100m
 max.
Dielectric Withstanding Voltage:
AC500Vr.m.s. per minute
Operating Temperature:
-25 Deg. C to +85 Deg. C
Storage Temperature:
-10 Deg. C to +60 Deg. C
Features
ST10 Series
microSDTM Small Memory Card Connector
General Specifications
Push-push structure, standard mounting type connector for microSDTM memory cards,
standardized by SDATM.
Balanced EMI countermeasure through 4 hold-down points
Slim design with 1.25mm height, 13.2mm width, and 14.85mm depth (depth including
card: 16.75mm)
Halogen-free product; supplied in embossed tape for automatic mounting (compatible
with second reflow)
Card insertion detection structure (D-SW), normally open
Card lock structure
1mm push stroke and 3.1mm card eject length
Countermeasure to prevent the card from popping out.
Rated Current: 0.5A / per pin
Rated Voltage: 10V / per pin
Insulation Resistance: 1,000M
 min.
Durability: 10,000 times
Card Insertion Force: 40 N max.
RoHS Compliant
< Outline >
The ST10 Series are one-piece type external connectors for the micro SDTM card.
They are high-density, SMT, push-push, standard mounting, low profile connectors
compatible with the microSDTM card, standardized by SDATM as a compact memory
card for various portable devices.
* microSDTM is a trademark of SD Card Association.


Similar Part No. - ST10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10 STMICROELECTRONICS-ST10 Datasheet
433Kb / 65P
16-BIT MCU WITH 32K BYTE ROM
Aug-1999
ST10 STMICROELECTRONICS-ST10 Datasheet
368Kb / 58P
16-BIT MCU WITH 128KBYTE FLASH MEMORY
Apr-1999
logo
Astrodyne Corporation
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
Isolated and Regulated 10 Watt Modular DC/DC Converters
logo
Arch Electronics Corp.
ST10 ARCH-ST10 Datasheet
165Kb / 4P
Encapsulated DC-DC Converter
logo
AVX Corporation
ST10 AVX-ST10 Datasheet
146Kb / 2P
Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
More results

Similar Description - ST10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25FS040 ATMEL-AT25FS040 Datasheet
502Kb / 23P
High Speed Small Sectored SPI Flash Memory
AT25FS010 ATMEL-AT25FS010 Datasheet
555Kb / 22P
High Speed Small Sectored SPI Flash Memory
logo
Molex Electronics Ltd.
47457-8001 MOLEX-47457-8001 Datasheet
129Kb / 2P
miniSD Memory Card Connector
logo
ATMEL Corporation
AT25FS010 ATMEL-AT25FS010_09 Datasheet
694Kb / 24P
High Speed Small Sectored SPI Flash Memory
logo
ALPS ELECTRIC CO.,LTD.
SCDA ALPS-SCDA Datasheet
2Mb / 7P
Connector for SD Memory Card
SCHG ALPS-SCHG Datasheet
374Kb / 3P
Combine Type Connector (for SIM Card 8pins, microSDTM Card)
logo
Japan Aviation Electron...
ST9S008V4A JAE-ST9S008V4A Datasheet
181Kb / 4P
microSDTM Memory Card Connector
ST11-H JAE-ST11-H Datasheet
276Kb / 4P
microSD Memory Card Connector
ST1-G-T JAE-ST1-G-T Datasheet
291Kb / 4P
microSDTM Small Memory Card Connector
ST12 JAE-ST12 Datasheet
514Kb / 5P
microSDTM Memory Card Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com