Electronic Components Datasheet Search
  English  ▼

X  

ADP150AUJZ-3.3-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP150AUJZ-3.3-R7
Description  Setting Up the Evaluation Board for the ADP150
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150AUJZ-3.3-R7 Datasheet(HTML) 7 Page - Analog Devices

  ADP150AUJZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Evaluation Board User Guide
UG-054
Rev. 0 | Page 7 of 8
When these steps are completed, the voltage source can be
turned on. If J1 is inserted (connecting EN to VIN for auto-
matic startup), the regulator powers up.
GROUND CURRENT CONSUMPTION
Ground current measurements can determine how much current
the internal circuits of the regulator consume while the circuits
perform the regulation function. To be efficient, the regulator
must consume as little current as possible. Typically, the regulator
uses the maximum current when supplying its largest load level
(150 mA). Figure 12 shows the typical ground current consump-
tion for various load levels at VOUT = 3.3 V and TA = 25°C.
When the device is disabled (EN = GND), ground current
drops to less than 1 μA.
250
200
150
100
50
0
3.5
5.5
5.3
5.1
4.9
4.7
4.5
4.3
4.1
3.9
3.7
VIN (V)
IOUT = 0.1mA
IOUT = 1mA
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
Figure 12. Ground Current vs. Input Voltage (VIN) at VOUT = 3.3 V, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com