Electronic Components Datasheet Search
  English  ▼

X  

UG-382 Datasheet(PDF) 2 Page - Analog Devices

Part # UG-382
Description  Evaluation Board for FSK AD5700/AD5700-1 HART Modem
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-382 Datasheet(HTML) 2 Page - Analog Devices

  UG-382 Datasheet HTML 1Page - Analog Devices UG-382 Datasheet HTML 2Page - Analog Devices UG-382 Datasheet HTML 3Page - Analog Devices UG-382 Datasheet HTML 4Page - Analog Devices UG-382 Datasheet HTML 5Page - Analog Devices UG-382 Datasheet HTML 6Page - Analog Devices UG-382 Datasheet HTML 7Page - Analog Devices UG-382 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UG-382
Evaluation Board User Guide
Rev. A | Page 2 of 8
TABLE OF CONTENTS
Features .............................................................................................. 1
Equipment Needed........................................................................... 1
General Description ......................................................................... 1
Evaluation Board .............................................................................. 1
Revision History ............................................................................... 2
Evaluation Board Hardware............................................................ 3
Power Supplies...............................................................................3
Link Options ..................................................................................3
Evaluation Board Schematics and Artwork...................................4
Ordering Information.......................................................................7
Bill of Materials..............................................................................7
REVISION HISTORY
5/13—Rev. 0 to Rev. A
Changed Supply Min from 2 V to 1.71 V...................................... 1
2/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com