Electronic Components Datasheet Search
  English  ▼

X  

1328320 Datasheet(PDF) 6 Page - Analog Devices

Part # 1328320
Description  Evaluating the ADT7320/ADT7420 Temperature Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1328320 Datasheet(HTML) 6 Page - Analog Devices

Back Button 1328320 Datasheet HTML 2Page - Analog Devices 1328320 Datasheet HTML 3Page - Analog Devices 1328320 Datasheet HTML 4Page - Analog Devices 1328320 Datasheet HTML 5Page - Analog Devices 1328320 Datasheet HTML 6Page - Analog Devices 1328320 Datasheet HTML 7Page - Analog Devices 1328320 Datasheet HTML 8Page - Analog Devices 1328320 Datasheet HTML 9Page - Analog Devices 1328320 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
UG-138
Evaluation Board User Guide
Rev. A | Page 6 of 16
Temperature Monitor
This tab displays the temperature reading from the selected
device as well as the status of the alarms. This tab includes five
control options (see Figure 8):
•
Temperature Threshold
•
Temperature Value
•
Set Temperature Limits
•
Log Data
•
Temperature Values
Temperature Threshold
If the temperature goes above or below the high and low limits
defined in the Set Temperature Limits section or above the
critical threshold, the Temperature High Limit Threshold,
Temperature Low Limit Threshold, and Temperature Critical
Threshold indicators appear green.
Temperature Value
This displays the actual ADC temperature in twos complement
and degrees Celsius respectively.
Set Temperature Limits
This section allows you to update the high, low, critical, and
hysteresis limits. These ADC values are loaded into the device.
Because the conversion format is twos complement, any value
over 4095 is a negative number. To change the value, you can
use the arrow keys or type a number in the box to update the
limits. The graph labeled Temperature Conversion Measurement
displays the variation in time of the high and low temperature
limits as well as the current temperature in twos complement
format. At startup, the evaluation software initializes the tempera-
ture limits registers (THIGH, TLOW, TCRIT, and THYST) to the default
values shown in Figure 6.
Figure 8. Temperature
Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com