Electronic Components Datasheet Search
  English  ▼

X  

ADF4351 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4351
Description  Evaluating the CN-0285 Wideband Tx Modulator Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 1 Page - Analog Devices

  ADF4351 Datasheet HTML 1Page - Analog Devices ADF4351 Datasheet HTML 2Page - Analog Devices ADF4351 Datasheet HTML 3Page - Analog Devices ADF4351 Datasheet HTML 4Page - Analog Devices ADF4351 Datasheet HTML 5Page - Analog Devices ADF4351 Datasheet HTML 6Page - Analog Devices ADF4351 Datasheet HTML 7Page - Analog Devices ADF4351 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluation Board User Guide
UG-521
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Evaluating the CN-0285 Wideband Tx Modulator Solution
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 8
FEATURES
Self-contained board including
ADF4351 wideband PLL + VCO
ADL5375 wideband IQ modulator
Ultralow noise voltage regulators: ADP150, ADP3334
25 MHz TCXO reference
USB interface
Accompanying ADF4351 software allows control of
synthesizer functions from PC
ONLINE RESOURCES
Documents Needed
ADF4351 Data Sheet
ADL5375 Data Sheet
ADP150 Data Sheet
ADP3334 Data Sheet
Required Software
ADF435x programming software
Design and Integration Files
Schematics, Layout Files, Bill of Materials
EQUIPMENT NEEDED
A standard PC running Windows® XP, Windows Vista (32-bit),
or Windows 7 with a USB port
EVAL-CN0285-EB1Z circuit evaluation board
5.5 V power supplies
An IQ signal source, such as the Rohde & Schwarz AMIQ
A spectrum analyzer, such as the Rohde & Schwarz FSQ8
GENERAL DESCRIPTION
The EVAL-CN0285-EB1Z is the evaluation board described in
the Circuits From the Lab™ Circuit Note CN-0285, Broadband
Low EVM Direct Conversion Transmitter. A photo of the board
is shown in Figure 1. It contains the ADF4351 synthesizer, the
ADL5375 wideband transmit modulator, and ultralow noise
LDOs. The board can be controlled using the ADF4351
programming software. A USB cable is included with the board
to connect to a PC USB port.
Additional information, including other PLL data sheets,
technical notes, articles, and ADIsimPLL™ PLL simulation
software from Analog Devices, Inc., is available at
www.analog.com/pll.
PHOTO OF THE EVALUATION BOARD
Figure 1. EVAL-CN0285-EB1Z


Similar Part No. - ADF4351

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4351 AD-ADF4351 Datasheet
592Kb / 28P
Wideband Synthesizer
REV. 0
ADF4351 AD-ADF4351 Datasheet
471Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADF4351 AD-ADF4351 Datasheet
1Mb / 20P
Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer
REV. 0
ADF4351 AD-ADF4351 Datasheet
427Kb / 5P
Increasing the Number of Outputs from a Clock Source Using Low Jitter LVPECL Fanout Buffers
REV. 0
ADF4351 AD-ADF4351 Datasheet
155Kb / 4P
Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
More results

Similar Description - ADF4351

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50415 INTERSIL-HSP50415 Datasheet
229Kb / 29P
Wideband Programmable Modulator (WPM)
2000 03
logo
Maxim Integrated Produc...
AN632 MAXIM-AN632 Datasheet
355Kb / 8P
Evaluating the Accuracy of Maxim Real-Time Clocks (RTCs)
Aug 01, 2001
logo
Intersil Corporation
HSP50415 INTERSIL-HSP50415_07 Datasheet
876Kb / 29P
Wideband Programmable Modulator (WPM)
April 23, 2007
logo
Analog Devices
UG-138 AD-UG-138 Datasheet
935Kb / 16P
Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. 0
UG-138 AD-UG-138_13 Datasheet
760Kb / 16P
Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. A
EVAL-ADP7156 AD-EVAL-ADP7156 Datasheet
210Kb / 8P
Evaluating the ADP7156 Ultralow Noise
Rev. 0
EVAL-ADP7158 AD-EVAL-ADP7158 Datasheet
217Kb / 8P
Evaluating the ADP7158 Ultralow Noise
Rev. 0
logo
Renesas Technology Corp
HSP50415 RENESAS-HSP50415 Datasheet
1Mb / 29P
Wideband Programmable Modulator (WPM)
logo
Analog Devices
HMC1097LP4E AD-HMC1097LP4E Datasheet
1Mb / 15P
WIDEBAND DIRECT QUADRATURE MODULATOR, 100 - 6000 MHz
UG-744 AD-UG-744 Datasheet
392Kb / 7P
Evaluating the AD8273/AD8277/AD8279 Difference Amplifiers
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com