Electronic Components Datasheet Search
  English  ▼

X  

911355 Datasheet(PDF) 15 Page - Analog Devices

Part # 911355
Description  Evaluating the ADT7320/ADT7420 Temperature Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

911355 Datasheet(HTML) 15 Page - Analog Devices

Back Button 911355 Datasheet HTML 8Page - Analog Devices 911355 Datasheet HTML 9Page - Analog Devices 911355 Datasheet HTML 10Page - Analog Devices 911355 Datasheet HTML 11Page - Analog Devices 911355 Datasheet HTML 12Page - Analog Devices 911355 Datasheet HTML 13Page - Analog Devices 911355 Datasheet HTML 14Page - Analog Devices 911355 Datasheet HTML 15Page - Analog Devices 911355 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Evaluation Board User Guide
UG-138
Rev. A | Page 15 of 16
ORDERING INFORMATION
BILL OF MATERIALS
Table 3.Component Listing—Main Board
Qty.
Reference Designator
Description
Value
Supplier/Ordering No.
2
C1, C2
50 V NPO SMD ceramic capacitor
22 pF
Farnell 722005
1
C3
10 V SMD tantalum capacitor
47 μF
Farnell 1432591
1
C4
10 V SMD tantalum capacitor
2.2 μF
Farnell 498646
14
C5, C6, C7, C8, C9, C10, C12, C13,
C14, C15, C16, C18, C19, C20
16 V X7R multilayer ceramic capacitor
0.1 μF
Farnell 1216538
3
C11, C21, C22
10 V SMD tantalum capacitor
10 μF
Farnell 197130
1
C17
10 V dc Y5V ceramic capacitor
1 μF
Farnell 3188840
1
D1
Green LED
VLMP31G2J1
Farnell 1328320
2
D2, D3
Red LED
VLMS31J1K2
Farnell 1328350
1
J1
USB mini-B connector
54819-0579
Digi-Key WM17116CT-ND
1
J2
10-pin terminal block
N/A
Farnell 9632179
2
Q1, Q2
Low power bipolar transistor
BC807
Farnell 1081222
1
R1
SMD resistor
0 Ω
Farnell 772227
1
R2
SMD resistor
10 kΩ
Farnell 9330399
2
R3, R6
SMD resistor
100 kΩ
Farnell 911471
2
R4, R5
SMD resistor
2.2 kΩ
Farnell 196319
3
R7, R11, R13
SMD resistor
270 Ω
Farnell 9331964
6
R8, R9, R10, R12, R14, R15
SMD resistor
10 kΩ
Farnell 911355
1
U1
Temperature sensor IC
ADT7320UPCZ
Analog Devices ADT7320UPCZ
1
U2
Temperature sensor IC
ADT7420UPCZ
Analog Devices ADT7420UPCZ
1
U3
64 kB I2C serial EEPROM
24LC64
Digi-Key 24LC64-I/SN-ND
1
U4
Precision low dropout voltage regulator
ADP3303AR-3.3
Analog Devices ADP3303ARZ-3.3
1
U5
Dual SPDT switch
ADG787BRMZ
Analog Devices ADG787BRMZ
1
U6
USB microcontroller
CY7C6813-56LFC
Embassy CY7C68013-56LFC
1
Y1
SMD crystal
24 MHz
Farnell 9509658
Table 4. Component Listing—External Board
Qty.
Reference Designator
Description
Value
Supplier/Ordering number
2
C1, C3
16 V X7R multilayer ceramic capacitor
0.1 μF
Farnell 1216538
2
C2, C4
10 V SMD tantalum capacitor
10 μF
Farnell 197130
2
D1, D2
Green LED
VLMP31G2J1
Farnell 1328320
4
R1, R2, R4, R5
SMD resistor
10 kΩ
Farnell 9330399
2
R3, R6
SMD resistor
270 Ω
Farnell 9331964
1
U1
Temperature sensor IC
ADT7320UPCZ
Analog Devices ADT7320UPCZ
1
U2
Temperature sensor IC
ADT7420UPCZ
Analog Devices ADT7420UPCZ
Table 3. Component Listing—ADT7320FBZ Flexi Board
Qty.
Reference Designator
Description
Value
Supplier/Ordering number
1
C1
16 V X7R multilayer ceramic capacitor
0.1 μF
Farnell 1216538
2
R1, R2
SMD resistor
10 kΩ
Farnell 9330399
1
U1
Temperature sensor IC
ADT7320UPCZ
Analog Devices ADT7320UPCZ
Table 4. Component Listing—ADT7420FBZ Flexi Board
Qty.
Reference Designator
Description
Value
Supplier/Ordering number
1
C1
16 V X7R multilayer ceramic capacitor
0.1 μF
Farnell 1216538
2
R1, R2
SMD resistor
10 kΩ
Farnell 9330399
1
U1
Temperature sensor IC
ADT7420UPCZ
Analog Devices ADT7420UPCZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com