Electronic Components Datasheet Search
  English  ▼

X  

BSP129 Datasheet(PDF) 6 Page - Analog Devices

Part # BSP129
Description  Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BSP129 Datasheet(HTML) 6 Page - Analog Devices

Back Button BSP129 Datasheet HTML 2Page - Analog Devices BSP129 Datasheet HTML 3Page - Analog Devices BSP129 Datasheet HTML 4Page - Analog Devices BSP129 Datasheet HTML 5Page - Analog Devices BSP129 Datasheet HTML 6Page - Analog Devices BSP129 Datasheet HTML 7Page - Analog Devices BSP129 Datasheet HTML 8Page - Analog Devices BSP129 Datasheet HTML 9Page - Analog Devices BSP129 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UG-250
Evaluation Board User Guide
Rev. A | Page 6 of 12
Figure 3. Main Window
MAIN WINDOW
As can be seen in Figure 3, the main window is made up of
5 tabs; Control Register, DAC Register, Fault Register,
Program Loop Current, and Command Write. Outside
of the tab structure at the top right of the window are two
control items; LDAC PIN to set the state of the LDAC pin
and USE PEC to select whether packet error checking is used
in the communications with the AD5421. There is also an
indicator item; PEC Error, this alerts to a packet error in the
data received from the AD5421. At the bottom of the window
is a display of the contents of the fault register, this is updated
on every communication with the AD5421 if Auto Fault
Readback is enabled.
Control Register
The Control Register tab is displayed by default. This tab
allows the user to program the control register.
DAC Register
The DAC Register tab allows the user to program the DAC
register, offset adjust register, and gain adjust register.
Fault Register
The Fault Register tab allows the user to read the contents
of the fault register. The fault register can also be polled
continuously.
Program Loop Current
The Program Loop Current tab allows the user to program a
loop current value directly by entering the value in milliamps
after having first selected the loop current range that is set by
the Range0 and Range1 link options.
Command Write
The Command Write tab allows the user to read/write all of the
AD5421s registers as well as issue commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com