Electronic Components Datasheet Search
  English  ▼

X  

AYF333335 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AYF333335
Description  FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF333335 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AYF333335 Datasheet HTML 1Page - Panasonic Semiconductor AYF333335 Datasheet HTML 2Page - Panasonic Semiconductor AYF333335 Datasheet HTML 3Page - Panasonic Semiconductor AYF333335 Datasheet HTML 4Page - Panasonic Semiconductor AYF333335 Datasheet HTML 5Page - Panasonic Semiconductor AYF333335 Datasheet HTML 6Page - Panasonic Semiconductor AYF333335 Datasheet HTML 7Page - Panasonic Semiconductor AYF333335 Datasheet HTML 8Page - Panasonic Semiconductor AYF333335 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AYF33
ACCTB47E 201303-T
PRODUCT TYPES
Y3B
Y3BW
Notes: 1. Order unit; For volume production: 1-inner carton (1-reel) units.
Samples for mounting check: 50-connector units. Please contact our sales office.
Samples: Small lot orders are possible. Please contact our sales office.
2. Please contact our sales office for connectors having a number of pins other than those listed above.
SPECIFICATIONS
1. Characteristics
Height
Number of pins
Part number
Packing
Inner carton
Outer carton
0.9 mm
7AYF330735
5,000 pieces
10,000 pieces
8
AYF330835
9AYF330935
11
AYF331135
13
AYF331335
15
AYF331535
17
AYF331735
21
AYF332135
23
AYF332335
25
AYF332535
27
AYF332735
31
AYF333135
33
AYF333335
35
AYF333535
37
AYF333735
39
AYF333935
45
AYF334535
51
AYF335135
61
AYF336135
Height
Number of pins
Part number
Packing
Inner carton (1-reel)
Outer carton
0.9 mm
11
AYF331165
5,000 pieces
10,000 pieces
25
AYF332565
51
AYF335165
Item
Specifications
Conditions
Electrical
characteristics
Rated current
0.2A/pin contact
Rated voltage
50V AC/DC
Insulation resistance
Min. 1,000M
Ω (initial)
Using 250V DC megger (applied for 1 min.)
Breakdown voltage
150V AC for 1 min.
No short-circuiting or damage at a detection current of 1 mA
when the specified voltage is applied for one minute.
Contact resistance
Max. 100m
Ω
Based on the contact resistance measurement method
specified by JIS C 5402.
Mechanical
characteristics
FPC holding force
Y3B: Min. 0.13N/pin contacts
× pin contacts (initial)
Y3BW: Min. 0.13N/pin contacts
× pin contacts +
1.00N (initial)
Measurement of the maximum force applied until the
inserted compatible FPC is pulled out in the insertion axis
direction while the connector lever is closed
Environmental
characteristics
Ambient temperature
–55
°C to +85°C
No freezing at low temperatures. No dew condensation.
Storage temperature
–55
°C to +85°C (product only)
–40
°C to +50°C (emboss packing)
Thermal shock resistance
(with FPC mated)
5 cycles,
insulation resistance min. 100M
Ω,
contact resistance max. 80m
Ω
Conformed to MIL-STD-202F, method 107G
Humidity resistance
(with FPC mated)
120 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 100m
Ω
Bath temperature 40
±2°C,
humidity 90 to 95% R.H.
Saltwater spray resistance
(with FPC mated)
24 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 100m
Ω
Bath temperature 35
±2°C,
saltwater concentration 5
±1%
H2S resistance
(with FPC mated)
48 hours,
contact resistance max. 100m
Ω
Bath temperature 40
±2°C, gas concentration 3±1 ppm,
humidity 75 to 80% R.H.
Soldering heat resistance
Peak temperature: 260
°C or less
Reflow soldering
300
°C within 5 sec. 350°C within 3 sec.
Soldering iron
Lifetime
characteristics
Insertion and removal life
20 times
Repeated insertion and removal: min. 10 sec./time
Unit weight
Y3B: 61 pin contact type: 0.10 g
Y3BW: 51 pin contact type: 0.09 g
Order Temperature (
°C)
Time (minutes)
1
2
3
4
–55
85
–55
0
−3
30
Max. 5
30
Max. 5
+3
0
0
−3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com