Electronic Components Datasheet Search
  English  ▼

X  

AYF530465 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AYF530465
Description  FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF530465 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AYF530465 Datasheet HTML 1Page - Panasonic Semiconductor AYF530465 Datasheet HTML 2Page - Panasonic Semiconductor AYF530465 Datasheet HTML 3Page - Panasonic Semiconductor AYF530465 Datasheet HTML 4Page - Panasonic Semiconductor AYF530465 Datasheet HTML 5Page - Panasonic Semiconductor AYF530465 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AYF53
ACCTB1E 201204-T
PRODUCT TYPES
Notes: 1. Order unit;
For volume production: 1-inner carton (1-reel) units
Samples for mounting check: 50-connector units. Please contact our sales office.
2. Please contact our sales office for connectors having a number of pins other than those listed above.
SPECIFICATIONS
1. Characteristics
2. Material and surface treatment
Height
Y5B
Y5BW
Packing
Number of pins
Part number
Number of pins
Part number
Inner carton (1-reel)
Outer carton
1.0 mm
4AYF530435
2
AYF530265
5,000 pieces
10,000 pieces
5
AYF530535
3
AYF530365
6AYF530635
4
AYF530465
8
AYF530835
6
AYF530665
10
AYF531035
8
AYF530865
12
AYF531235
10
AYF531065
14
AYF531435
12
AYF531265
16
AYF531635
14
AYF531465
24
AYF532435
22
AYF532265
28
AYF532835
26
AYF532665
30
AYF533035
28
AYF532865
32
AYF533235
30
AYF533065
34
AYF533435
32
AYF533265
40
AYF534035
38
AYF533865
42
AYF534235
40
AYF534065
50
AYF535035
48
AYF534865
Item
Specifications
Conditions
Electrical
characteristics
Rated current
0.5A/pin contact (Except for holding contact)
Rated voltage
50V AC/DC
Insulation resistance
Min. 1,000M
Ω (initial)
Using 250V DC megger (applied for 1 min.)
Breakdown voltage
250V AC for 1 min.
No short-circuiting or damage at a detection current of 1 mA
when the specified voltage is applied for one minute.
Contact resistance
Max. 100m
Ω
Based on the contact resistance measurement method
specified by JIS C 5402.
Mechanical
characteristics
FPC holding force
Y5B: Min. 0.2N/pin contacts
× pin contacts (initial)
Y5BW: Min. 0.2N/pin contacts
× pin contacts + 2.0N
(initial)
Measurement of the maximum force applied until the
inserted compatible FPC is pulled out in the insertion axis
direction while the connector lever is closed
Environmental
characteristics
Ambient temperature
–55
°C to +85°C
No freezing at low temperatures. No dew condensation.
Storage temperature
–55
°C to +85°C (product only)
–40
°C to +50°C (emboss packing)
Thermal shock resistance
(with FPC inserted)
5 cycles,
insulation resistance min. 100M
Ω,
contact resistance max. 100m
Ω
Conformed to MIL-STD-202F, method 107G
Humidity resistance
(with FPC inserted)
120 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 100m
Ω
Bath temperature 40
±2°C,
humidity 90 to 95% R.H.
Saltwater spray resistance
(with FPC inserted)
24 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 100m
Ω
Bath temperature 35
±2°C,
saltwater concentration 5
±1%
H2S resistance
(with FPC inserted)
48 hours,
contact resistance max. 100m
Ω
Bath temperature 40
±2°C, gas concentration 3±1 ppm,
humidity 75 to 80% R.H.
Soldering heat resistance
Peak temperature: 260
°C or less
Reflow soldering
300
°C within 5 sec. 350°C within 3 sec.
Soldering iron
Lifetime
characteristics
Insertion and removal life
20 times
Repeated insertion and removal: min. 10 sec./time
Unit weight
Y5B (50 pin contacts): 0.16 g
Part name
Material
Surface treatment
Molded portion
Housing: LCP resin (UL94V-0)
Lever: LCP resin (UL94V-0)
—
Contact
Copper alloy
Contact portion; Base: Ni plating, Surface: Au plating
Terminal portion; Base: Ni plating, Surface: Au plating
Holding contact portion
Copper alloy
Terminal portion; Base: Ni plating, Surface: Au plating
Soldering terminals portion
Copper alloy
Base: Ni plating, Surface: Au plating
Order Temperature (
°C)
Time (minutes)
1
2
3
4
–55
85
–55
0
−3
30
Max. 5
30
Max. 5
+3
0
0
−3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com