Electronic Components Datasheet Search
  English  ▼

X  

AMP04FS Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMP04FS
Description  Precision Single Supply Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMP04FS Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMP04FS Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AMP04
REV. B
–4–
AMP04E
AMP04F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
GAIN (G = 100 K/RGAIN)
Gain Equation Accuracy
G = 1 to 100
0.2
0.5
0.75
%
G = 1000
0.4
0.75
%
G = 1 to 100
–40
°C ≤ TA ≤ +85°C
0.8
1.0
%
Gain Range
G
1
1000
1
1000
V/V
Nonlinearity
G = 1, RL = 5 k
Ω
0.005
0.005
%
G = 10, RL = 5 k
Ω
0.015
0.015
%
G = 100, RL = 5 k
Ω
0.025
0.025
%
Gain Temperature Coefficient
∆G/∆T
30
50
ppm/
°C
OUTPUT
Output Voltage Swing High
VOH
RL = 2 k
Ω
13
13.4
13
V
RL = 2 k
Ω
–40
°C ≤ T
A
≤ +85°C
12.5
12.5
V
Output Voltage Swing Low
VOL
RL = 2 k
Ω
–40
°C ≤ TA ≤ +85°C
–14.5
–14.5 V
Output Current Limit
Sink
30
30
mA
Source
15
15
mA
NOISE
Noise Voltage Density, RTI
eN
f = 1 kHz, G = 1
270
270
nV/
√Hz
f = 1 kHz, G = 10
45
45
nV/
√Hz
f = 100 Hz, G = 100
30
30
nV/
√Hz
f = 100 Hz, G = 1000
25
25
nV/
√Hz
Noise Current Density, RTI
iN
f = 100 Hz, G = 100
4
4
pA/
√Hz
Input Noise Voltage
eN p-p
0.1 Hz to 10 Hz, G = 1
5
5
µV p-p
0.1 Hz to 10 Hz, G = 10
1
1
µV p-p
0.1 Hz to 10 Hz, G = 100
0.5
0.5
µV p-p
DYNAMIC RESPONSE
Small Signal Bandwidth
BW
G = 1, –3 dB
700
700
kHz
POWER SUPPLY
Supply Current
ISY
750
900
900
µA
–40
°C ≤ TA ≤ +85°C
1100
1100
µA
Specifications subject to change without notice.
WAFER TEST LIMITS
Parameter
Symbol
Conditions
Limit
Unit
OFFSET VOLTAGE
Input Offset Voltage
VIOS
300
µV max
Output Offset Voltage
VOOS
3mV max
INPUT CURRENT
Input Bias Current
IB
40
nA max
Input Offset Current
IOS
10
nA max
INPUT
Common-Mode Rejection
CMR
0 V
≤ V
CM
≤ 3.0 V
G = 1
55
dB min
G = 10
75
dB min
G = 100
80
dB min
G = 1000
80
dB min
Common-Mode Rejection
CMR
VS =
±15 V, –12 V ≤ VCM ≤ +12 V
G = 1
55
dB min
G = 10
75
dB min
G = 100
80
dB min
(VS = 5 V, VCM = 2.5 V, TA = 25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com