Electronic Components Datasheet Search
  English  ▼

X  

BA4510F Datasheet(PDF) 45 Page - Rohm

Part # BA4510F
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4510F Datasheet(HTML) 45 Page - Rohm

Back Button BA4510F Datasheet HTML 41Page - Rohm BA4510F Datasheet HTML 42Page - Rohm BA4510F Datasheet HTML 43Page - Rohm BA4510F Datasheet HTML 44Page - Rohm BA4510F Datasheet HTML 45Page - Rohm BA4510F Datasheet HTML 46Page - Rohm BA4510F Datasheet HTML 47Page - Rohm BA4510F Datasheet HTML 48Page - Rohm BA4510F Datasheet HTML 49Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
Technical Note
45/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Description of electrical characteristics
Described here are the terms of electric characteristics used in this technical note. Items and symbols used are also shown.
Note that item name and symbol and their meaning may differ from those on another manufacture’s document or general document.
1. Absolute maximum ratings
Absolute maximum rating item indicates the condition which must not be exceeded. Application of voltage in excess of
absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of
characteristics.
1.1 Power supply voltage (VCC-VEE)
Indicates the maximum voltage that can be applied between the positive power supply terminal and negative power
supply terminal without deterioration or destruction of characteristics of internal circuit.
1.2 Differential input voltage (Vid)
Indicates the maximum voltage that can be applied between non-inverting terminal and inverting terminal without
deterioration and destruction of characteristics of IC.
1.3 Input common-mode voltage range (Vicm)
Indicates the maximum voltage that can be applied to non-inverting terminal and inverting terminal without
deterioration or destruction of characteristics. Input common-mode voltage range of the maximum ratings not assure
normal operation of IC. When normal operation of IC is desired, the input common-mode voltage of characteristics
item must be followed.
1.4 Power dissipation (Pd)
Indicates the power that can be consumed by specified mounted board at the ambient temperature 25℃(normal temperature).
As for package product, Pd is determined by the temperature that can be permitted by IC chip in the package
(maximum junction temperature)and thermal resistance of the package.
2. Electrical characteristics item
2.1 Input offset voltage (Vio)
Indicates the voltage difference between non-inverting terminal and inverting terminal. It can be translated into the
input voltage difference required for setting the output voltage at 0 [V] .
2.2 Input offset current (Iio)
Indicates the difference of input bias current between non-inverting terminal and inverting terminal.
2.3 Input bias current (Ib)
Indicates the current that flows into or out of the input terminal. It is defined by the average of input bias current at
non-inverting terminal and input bias current at inverting terminal.
2.4 Input common-mode voltage range(Vicm)
Indicates the input voltage range where IC operates normally.
2.5 Large signal voltage gain (AV)
Indicates the amplifying rate (gain) of output voltage against the voltage difference between non-inverting terminal
and Inverting terminal. It is normally the amplifying rate (gain) with reference to DC voltage.
Av = (Output voltage fluctuation) / (Input offset fluctuation)
2.6 Circuit current (ICC)
Indicates the IC current that flows under specified conditions and no-load steady status.
2.7 Output sink current (IOL)
Denotes the maximum current that can be output under specific output conditions.
2.8 Output saturation voltage low level output voltage (VOL)
Signifies the voltage range that can be output under specific output conditions.
2.9 Output leakage current, High level output current (I leak)
Indicates the current that flows into IC under specified input and output conditions.
2.10 Common-mode rejection ratio (CMRR)
Indicates the ratio of fluctuation of input offset voltage when in-phase input voltage is changed. It is normally the
fluctuation of DC.
CMRR = (Change of Input common-mode voltage) / (Input offset fluctuation)
2.11 Power supply rejection ratio (PSRR)
Indicates the ratio of fluctuation of input offset voltage when supply voltage is changed. It is normally the fluctuation of
DC.
PSRR = (Change of power supply voltage) / (Input offset fluctuation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com