Electronic Components Datasheet Search
  English  ▼

X  

BA8522RF Datasheet(PDF) 14 Page - Rohm

Part # BA8522RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8522RF Datasheet(HTML) 14 Page - Rohm

Back Button BA8522RF Datasheet HTML 10Page - Rohm BA8522RF Datasheet HTML 11Page - Rohm BA8522RF Datasheet HTML 12Page - Rohm BA8522RF Datasheet HTML 13Page - Rohm BA8522RF Datasheet HTML 14Page - Rohm BA8522RF Datasheet HTML 15Page - Rohm BA8522RF Datasheet HTML 16Page - Rohm BA8522RF Datasheet HTML 17Page - Rohm BA8522RF Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Technical Note
14/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
-30
-20
-10
0
10
20
30
±0
±2
±4
±6
±8 ±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
-30
-20
-10
0
10
20
30
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
85℃
-40℃
25℃
±4V
±15V
±7.5V
-5
-4
-3
-2
-1
0
1
2
3
4
5
02
468
COMMON MODE INPUT VOLTAGE [V]
85℃
25℃
-40℃
BA4558 family
BA4558 family
BA4558 family
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [? ]
0.0
0.5
1.0
1.5
2.0
±2
±4
±6
±8
±10
±12
±14
±16
SUPPLY VOLTAGE [V]
BA4558 family
BA4558 family
BA4558 family
0
20
40
60
80
1
100
10000
FREQUENCY [Hz]
0.0001
0.001
0.01
0.1
1
0.1
1
10
OUTPUT VOLTAGE [Vrms]
0
5
10
15
20
25
30
1
10
100
1000
FREQUENCY [kHz]
20kHz
20Hz
1kHz
BA4558 family
BA4558 family
BA4558 family
●
Reference Data BA4558 family
Fig.13
Input Offset Current - Supply Voltage
(Vicm=0[V], Vout=0[V])
Fig.14
Input Offset Current -
Ambient Temperature
(Vicm=0[V], Vout=0[V])
Fig.15
Input Offset Voltage
- Common Mode Input Voltage
(VCC=8[V], Vout=4[V])
Fig.16
Common Mode Rejection Ratio
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V], Vicm=-12[V] to +12[V])
Fig.17
Power Supply Rejection Ratio
- Ambient Temperature
(VCC/VEE=+4[V]/-4[V] to +15[V]/-15[V])
Fig.18
Slew Rate - Supply Voltage
(CL=100[pF], RL=2[kΩ], Ta=25[℃])
Fig.19
Equivalent Input Noise Voltage - Frequency
(VCC/VEE=+15[V]/-15[V],Rs=100[Ω],Ta=25[℃])
Fig.20
Total Harmonic Distortion -Output Voltage
(VCC/VEE=+15[V]/-15[V], Av=20[dB],
RL=2[kΩ], 80[kHz]-LPF, Ta=25[℃])
Fig.21
Maximum Output Voltage Swing - Frequency
(VCC/VEE=+15[V]/-15[V], RL=2[kΩ], Ta=25[℃])
(*)The above data is ability value of sample, it is not guaranteed.
Fig. 22
Voltage Gain - Frequency
(VCC/VEE=+15[V]/-15[V],Av=40[dB],RL=2[kΩ],Ta=25[℃])
0
10
20
30
40
50
60
1 .E+00
1.E+02
1.E+04
1.E+06
1.E+08
FREQUENC Y [H z]
-180
-150
-120
-90
-60
-30
0
GAIN
PHASE
BA4558 family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com