Electronic Components Datasheet Search
  English  ▼

X  

AP2151 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP2151
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2151 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP2151 Datasheet HTML 8Page - Diodes Incorporated AP2151 Datasheet HTML 9Page - Diodes Incorporated AP2151 Datasheet HTML 10Page - Diodes Incorporated AP2151 Datasheet HTML 11Page - Diodes Incorporated AP2151 Datasheet HTML 12Page - Diodes Incorporated AP2151 Datasheet HTML 13Page - Diodes Incorporated AP2151 Datasheet HTML 14Page - Diodes Incorporated AP2151 Datasheet HTML 15Page - Diodes Incorporated AP2151 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AP2141/ AP2151
Document number: DS31562 Rev. 7 - 2
12 of 17
www.diodes.com
March 2013
© Diodes Incorporated
AP2141/ AP2151
Ordering Information
Part Number
Package Code
Packaging
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP21X1WG-7
W
SOT25
3000/Tape & Reel
-7
AP21X1SG-13
S
SO-8
2500/Tape & Reel
-13
AP21X1MPG-13
MP
MSOP-8EP
2500/Tape & Reel
-13
AP21X1FMG-7
FM
U-DFN2018-6
3000/Tape & Reel
-7
.
Marking Information
(1)
SO-8
AP21X X
( Top view )
YY WW X X
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
87
65
1
2
34
4 : Active Low
5 : Active High
1 : 1 Channel
represents 52 and 53 week
(2)
MSOP-8EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com