Electronic Components Datasheet Search
  English  ▼

X  

BAT54A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT54A
Description  SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54A Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT54A Datasheet HTML 1Page - Diodes Incorporated BAT54A Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 SILICON EPITAXIAL
SCHOTTKY BARRIER DIODES
ISSUE 1– SEPTEMBER 1995 7
FEATURES: Low V
F & High Current Capability
APPLICATIONS: PSU, Mobile Telecomms & SCSI
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
30
V
Forward Current
IF
200
mA
Forward Voltage @ IF =10mA
VF
400
mV
Repetitive Peak Forward Current
IFRM
300
mA
Non Repetitive Forward Current t<1s
IFSM
600
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Storage Temperature Range
Tstg
-55 to +150
°C
JunctionTemperature
¤
Tj
125
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Reverse Breakdown
Voltage
V(BR)R
30
50
V
IR=10µA
Forward Voltage
VF
135
200
280
350
530
240
320
400
500
1000
mV
mV
mV
mV
mV
IF=0.1mA
IF=1mA
IF=10mA
IF=30mA
IF=100mA
Reverse Current
IR
2.5
4
µ
A
VR=25V
Diode Capacitance
CD
7.5
10
pF
f=1MHz,VR=1V
Reverse Recover
Time
trr
5ns
switched from
IF=10mA to IR=10mA
RL=100Ω, Measured
at IR=1mA
¤ Dual Device; For simultaneous continuous use Tj=100°C.
3
2
1
3
2
1
2
3
1
3
1
BAT54 SERIES
1
3
2
BAT54
BAT54A
BAT54S
BAT54C
Device Type
SINGLE
COMMON
ANODE
SERIES
COMMON
CATHODE
Pin Configuration
L4Z
L42
L44
L43
Partmarking Detail
30
10
20
0
+125°C
+85°C
TA - Ambient Temperature ( °C)
PD v TA Characteristics
0
90
180
270
330
CT v VR Characteristics
0
5
10
15
0
50
100
150
Forward Voltage VF (V)
IF v VF Characteristics
0
0.6
0.3
+125°C
10µ
100µ
1m
10m
100m
1
0.9
+85°C
+25°C
0.15
0.45
0.75
10µ
100µ
10m
1m
Reverse Voltage VR (V)
IR v VR Characteristics
Reverse Voltage VR (V)
020
10
30
1µ
+25°C
TYPICAL CHARACTERISTICS
BAT54 SERIES
3 - 4
3 - 5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com