Electronic Components Datasheet Search
  English  ▼

X  

BAT54S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT54S
Description  SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54S Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT54S Datasheet HTML 1Page - Diodes Incorporated BAT54S Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 SILICON EPITAXIAL
SCHOTTKY BARRIER DIODES
ISSUE 1– SEPTEMBER 1995 7
FEATURES: Low V
F & High Current Capability
APPLICATIONS: PSU, Mobile Telecomms & SCSI
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
30
V
Forward Current
IF
200
mA
Forward Voltage @ IF =10mA
VF
400
mV
Repetitive Peak Forward Current
IFRM
300
mA
Non Repetitive Forward Current t<1s
IFSM
600
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Storage Temperature Range
Tstg
-55 to +150
°C
JunctionTemperature
¤
Tj
125
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Reverse Breakdown
Voltage
V(BR)R
30
50
V
IR=10µA
Forward Voltage
VF
135
200
280
350
530
240
320
400
500
1000
mV
mV
mV
mV
mV
IF=0.1mA
IF=1mA
IF=10mA
IF=30mA
IF=100mA
Reverse Current
IR
2.5
4
µ
A
VR=25V
Diode Capacitance
CD
7.5
10
pF
f=1MHz,VR=1V
Reverse Recover
Time
trr
5ns
switched from
IF=10mA to IR=10mA
RL=100Ω, Measured
at IR=1mA
¤ Dual Device; For simultaneous continuous use Tj=100°C.
3
2
1
3
2
1
2
3
1
3
1
BAT54 SERIES
1
3
2
BAT54
BAT54A
BAT54S
BAT54C
Device Type
SINGLE
COMMON
ANODE
SERIES
COMMON
CATHODE
Pin Configuration
L4Z
L42
L44
L43
Partmarking Detail
30
10
20
0
+125°C
+85°C
TA - Ambient Temperature ( °C)
PD v TA Characteristics
0
90
180
270
330
CT v VR Characteristics
0
5
10
15
0
50
100
150
Forward Voltage VF (V)
IF v VF Characteristics
0
0.6
0.3
+125°C
10µ
100µ
1m
10m
100m
1
0.9
+85°C
+25°C
0.15
0.45
0.75
10µ
100µ
10m
1m
Reverse Voltage VR (V)
IR v VR Characteristics
Reverse Voltage VR (V)
020
10
30
1µ
+25°C
TYPICAL CHARACTERISTICS
BAT54 SERIES
3 - 4
3 - 5


Similar Part No. - BAT54S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54S PANJIT-BAT54S Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54S PHILIPS-BAT54S Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54S STMICROELECTRONICS-BAT54S Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Zetex Semiconductors
BAT54S ZETEX-BAT54S Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Zowie Technology Corpor...
BAT54S ZOWIE-BAT54S Datasheet
51Kb / 2P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT54S

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BAT54 ZETEX-BAT54 Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
ZUMD54 ZETEX-ZUMD54 Datasheet
64Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
SEMTECH ELECTRONICS LTD...
RB441Q-40 SEMTECH_ELEC-RB441Q-40 Datasheet
133Kb / 2P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
Diodes Incorporated
ZC2811ETA DIODES-ZC2811ETA Datasheet
106Kb / 3P
SOT23 SCHOTTKY BARRIER DIODES
MARCH 1995
ZC2800ETA DIODES-ZC2800ETA Datasheet
106Kb / 3P
SOT23 SCHOTTKY BARRIER DIODES
MARCH 1995
ZUMD54C DIODES-ZUMD54C Datasheet
70Kb / 2P
SOT323 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
DECEMBER 1998
ZC2800 DIODES-ZC2800 Datasheet
585Kb / 3P
SOT23 SCHOTTKY BARRIER DIODES
MARCH 1995
logo
List of Unclassifed Man...
BAS7004TA ETC2-BAS7004TA Datasheet
47Kb / 1P
SOT23 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
logo
Diodes Incorporated
BAT54SRS DIODES-BAT54SRS_15 Datasheet
113Kb / 2P
SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
SEPTEMBER 1995
logo
AiT Semiconductor Inc.
BAT54XV2 AITSEMI-BAT54XV2 Datasheet
402Kb / 5P
SCHOTTKY DIODES SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com