Electronic Components Datasheet Search
  English  ▼

X  

FMMT734TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FMMT734TA
Description  POWER DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT734TA Datasheet(HTML) 3 Page - Diodes Incorporated

  FMMT734TA Datasheet HTML 1Page - Diodes Incorporated FMMT734TA Datasheet HTML 2Page - Diodes Incorporated FMMT734TA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10A
1A
10mA
100mA
1mA
-55°C
+25°C
+100°C
IC/IB=500
VCE(sat) v IC
IC-Collector Current
IC-Collector Current
VBE(sat) v IC
0
100mA
10mA
0.4
0.8
1.2
10A
1A
hFE V IC
IC-Collector Current
1mA
100mA
10mA
10A
1A
0
50K
100K
10mA
1mA
IC-Collector Current
VBE(on) v IC
100mA
1A
10A
0.8
1.2
0.4
0
IC-Collector Current
VCE(sat) v IC
1mA
0
100mA
10mA
+25°C
0.4
0.8
IC/IB=100
10A
1A
0.8
+100°C
-55°C
+25°C
+100°C
-55°C
+25°C
-55°C
+25°C
+100°C
IC/IB=500
VCE=5V
VCE=5V
10
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
0.1V
10V
100V
1s
DC
100ms
10ms
100us
1ms
1V
0
0.4
1mA
0.01
1.2
1.6
IC/IB=500
IC/IB=1000
IC/IB=5000
1.2
1.6
150K
1.6
2.0
1.6
2.0
0.001
TYPICAL CHARACTERISTICS
FMMT734



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com