Electronic Components Datasheet Search
  English  ▼

X  

2N3906 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2N3906
Description  PNP SMALL SIGNAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N3906 Datasheet(HTML) 3 Page - Diodes Incorporated

  2N3906 Datasheet HTML 1Page - Diodes Incorporated 2N3906 Datasheet HTML 2Page - Diodes Incorporated 2N3906 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
S11202 Rev. K-3
3 of 3
2N3906
1
10
100
500
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 4, Turn-On & Turn-Off Times vs Collector Current
C
toff
ton
t I =I /10
on B1
C
V
= 0.5V
BE(OFF)
t I =I =I /10
off B1
B2
C
0
1.0
10
100
1000
I , COLLECTOR CURRENT (mA)
Fig. 3, Collector-Emitter Sat Voltage vs Collector Current
C
0.1
0.2
0.3
0.4
I/I = 10
CB
T = 25 C
A
°
0
200
400
600
800
0
50
100
150
200
T , AMBIENT TEMPERATURE ( C)
Fig. 2, Max Power Dissipation vs Ambient Temperature
A
°
2N3906
MMBT3906
10
100
500
0.1
1.0
10
100
1000
I , COLLECTOR CURRENT (mA)
Fig. 1, DC Current Gain vs Collector Current
C
V= 5 V
CE
3V
1V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com