Electronic Components Datasheet Search
  English  ▼

X  

FMMT2222TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT2222TA
Description  SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT2222TA Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT2222TA Datasheet HTML 1Page - Diodes Incorporated FMMT2222TA Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 NPN SILICON PLANAR
SWITCHING TRANSISTORS
ISSUE 3 – FEBRUARY 1996
FEATURES
* Fast switching
PARTMARKING DETAILS
FMMT2222
– 1BZ
FMMT2222A – 1P
FMMT2222R
– 2P
FMMT2222AR – 3P
COMPLEMENTARY TYPES
FMMT2222
– FMMT2907
FMMT2222A
– FMMT2907A
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FMMT2222
FMMT2222A
UNIT
Collector-Base Voltage
VCBO
60
75
V
Collector-Emitter Voltage
VCEO
30
40
V
Emitter-Base Voltage
VEBO
56
V
Continuous Collector Current
IC
600
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL FMMT2222
FMMT2222A UNIT CONDITIONS.
MIN. MAX. MIN. MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
60
75
V
IC=10µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
30
40
V
IC=10mA, IB=0
Emitter-Base
Breakdown Voltage
V(BR)EBO
56V
IE=10µA, IC=0
Collector Cut-Off
Current
ICBO
10
10
10
10
nA
µ
A
nA
µ
A
VCB=50V, IE=0
VCB=60V, IE=0
VCB=50V, IE=0, Tamb=150°C
VCB=60V, IE=0, Tamb=150°C
Emitter Cut-Off
Current
IEBO
10
10
nA
VEB=3V, IC=0
Collector-Emitter
Cut-Off Current
ICEX
10
10
nA
VCE=60V, VEB(off)=3V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.3
1.0
0.3
1.0
V
V
IC=150mA, IB=15mA*
IC=500mA, IB=50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.6
2.0
2.6
0.6
1.2
2.0
V
V
IC=150mA, IB=15mA*
IC=500mA, IB=50mA*
Static Forward
Current Transfer
Ratio
hFE
35
50
75
35
100
50
30
300
35
50
75
35
100
50
40
300
IC=0.1mA, VCE=10V*
IC=1mA, VCE=10V
IC=10mA, VCE=10V*
IC=10mA, VCE=10V, Tamb=-55°C
IC=150mA, VCE=10V*
IC=150mA, VCE=1V*
IC=500mA, VCE=10V*
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for this device
FMMT2222
FMMT2222A
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL FMMT2222
FMMT2222A
UNIT CONDITIONS.
MIN.
MAX. MIN.
MAX.
Transition
Frequency
fT
250
300
MHz
IC=20mA, VCE=20V
f=100MHz
Output Capacitance
Cobo
88
pF
VCB=10V, IE=0,
f=140KHz
Input Capacitance
Cibo
30
25
pF
VEB=0.5V, IC=0
f=140KHz
Delay Time
td
10
10
ns
VCC=30V, VBE(off)=0.5V
IC=150mA, IB1=15mA
(See Delay Test Circuit)
Rise Time
tr
25
25
ns
Storage Time
ts
225
225
ns
VCC=30V, IC=150mA
IB1= IB2=15mA
(See Storage Test
Circuit)
Fall Time
tf
60
60
ns
FMMT2222
FMMT2222A
Scope:
Rin > 100 kΩ
Cin < 12 pF
Rise Time < 5 ns
0
0.5V
9.9V
Generator rise time <2ns
Pulse width (t1)<200ns
Duty cycle = 2%
+30V
200Ω
619Ω
DELAY AND RISE – TEST CIRCUIT
+30V
1N916
-3V
1KΩ
Ω
Scope:
Rin > 100 kΩ
Cin < 12 pF
Rise Time < 5 ns
-13.8 V
=500µs
=100µs
<5ns
+16.2 V
0
Duty cycle = 2%
STORAGE TIME AND FALL TIME – TEST CIRCUIT
C
B
E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com