Electronic Components Datasheet Search
  English  ▼

X  

AXN326038P Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AXN326038P
Description  Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXN326038P Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AXN326038P Datasheet HTML 5Page - Panasonic Semiconductor AXN326038P Datasheet HTML 6Page - Panasonic Semiconductor AXN326038P Datasheet HTML 7Page - Panasonic Semiconductor AXN326038P Datasheet HTML 8Page - Panasonic Semiconductor AXN326038P Datasheet HTML 9Page - Panasonic Semiconductor AXN326038P Datasheet HTML 10Page - Panasonic Semiconductor AXN326038P Datasheet HTML 11Page - Panasonic Semiconductor AXN326038P Datasheet HTML 12Page - Panasonic Semiconductor AXN326038P Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXN(1/3/4)
ACCTB25E 201303-T
Dimension table (mm)
(1) Suffix: J (1 reel, 1,500 pieces embossed tape package)
(2) Suffix: P (1 reel, 1,000, 500, 350 and 250 pieces embossed tape package)
Connector orientation with respect to direction of progress of embossed tape
NOTES
Mated height
No. of pins
Type of taping
A
B
C
D
E
F
Quantity per reel
Socket: 3.0mm, 3.5mm, 4.0mm,
4.5mm, 5.0mm, 5.5mm
Header: 3.0mm, 3.5mm, 6.0mm
12 to 32
Tape I
24.00
—
11.50
12.00
24.40
370 dia.
1,500 pcs.
34 to 40
Tape II
32.00
28.40
14.20
12.00
32.40
370 dia.
50 to 60
Tape II
44.00
40.40
20.20
12.00
44.40
370 dia.
80
Tape II
56.00
52.40
26.20
12.00
56.40
370 dia.
Mated height
No. of pins
Type of taping
A
B
C
D
E
F
Quantity per reel
Socket: 3.0mm, 3.5mm, 4.0mm,
4.5mm, 5.0mm, 5.5mm
Header: 3.0mm, 3.5mm, 4.0mm,
4.5mm, 6.0mm, 7.0mm
12 to 32
Tape I
24.00
—
11.50
12.00
24.40
330 dia.
1,000 pcs.
34 to 40
Tape II
32.00
28.40
14.20
12.00
32.40
330 dia.
50 to 60
Tape II
44.00
40.40
20.20
12.00
44.40
330 dia.
80
Tape II
56.00
52.40
26.20
12.00
56.40
330 dia.
Socket: 6.0mm, 7.0mm, 8.0mm,
13.0mm, 14.0mm
Header: 5.0mm, 5.5mm, 8.0mm
16 to 32
Tape I
24.00
—
11.50
12.00
24.40
370 dia.
1,000 pcs.
34 to 40
Tape II
32.00
28.40
14.20
12.00
32.40
370 dia.
50 to 60
Tape II
44.00
40.40
20.20
12.00
44.40
370 dia.
80
Tape II
56.00
52.40
26.20
12.00
56.40
370 dia.
11.5mm
30 to 40
Tape II
32.00
28.40
14.20
24.00
32.40
370 dia.
350 pcs.
50
Tape II
44.00
40.40
20.20
24.00
44.40
370 dia.
350 pcs.
80
Tape II
56.00
52.40
26.20
24.00
56.40
370 dia.
250 pcs.
Header: 13.0mm
20
Tape I
24.00
—
11.50
16.00
24.40
370 dia.
500 pcs.
30
Tape I
24.00
—
11.50
16.00
24.40
370 dia.
500 pcs.
40
Tape II
32.00
28.40
14.20
16.00
32.40
370 dia.
500 pcs.
50
Tape II
44.00
40.40
20.20
16.00
44.40
370 dia.
500 pcs.
60
Tape II
44.00
40.40
20.20
16.00
44.40
370 dia.
500 pcs.
80
Tape II
56.00
52.40
26.20
16.00
56.40
370 dia.
500 pcs.
Header: 14.0mm
20
Tape I
24.00
—
11.50
16.00
24.40
370 dia.
400 pcs.
Type
Direction
of tape progress
Mated height: 3.0mm, 3.5mm, 4.0mm, 4.5mm, 5.0mm, 5.5mm,
6.0mm, 7.0mm, 8.0mm, 13.0mm
Mated height 11.5mm
Socket
Header
Socket and header are common
This corner is oriented on the C side.
This corner is oriented on the C side.
Note that types having a mated height of
11.5mm cannot be mated with products
having other mated heights even though
the shape of their socket headers is the
same as the rated shape (position of the
positioning boss and arrangement of
mounting pads) is different.
Please refer to the latest product
specifications when designing your
product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com