Electronic Components Datasheet Search
  English  ▼

X  

AD7623 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7623
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7623 Datasheet HTML 10Page - Analog Devices AD7623 Datasheet HTML 11Page - Analog Devices AD7623 Datasheet HTML 12Page - Analog Devices AD7623 Datasheet HTML 13Page - Analog Devices AD7623 Datasheet HTML 14Page - Analog Devices AD7623 Datasheet HTML 15Page - Analog Devices AD7623 Datasheet HTML 16Page - Analog Devices AD7623 Datasheet HTML 17Page - Analog Devices AD7623 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD7960
Data Sheet
Rev. 0 | Page 14 of 24
THEORY OF OPERATION
Figure 28. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7960 is a 5 MSPS, high precision, power efficient, 18-bit
ADC that uses SAR-based architecture to provide performance
of 99 dB SNR, ±0.8 LSB INL, and ±0.5 LSB DNL. The AD7960
does not exhibit any pipeline delay or latency, making it ideal
for multiplexed channel applications.
The AD7960 is capable of converting 5,000,000 samples per
second (5 MSPS). The device typically consumes 46.5 mW of
power. The AD7960 offers the added functionality of an on-
chip reference buffer. If the internal reference buffer is enabled,
the AD7960 consumes approximately an additional 18 mW of
power.
The AD7960 is specified for use with 5 V and 1.8 V supplies
(VDD1, VDD2). The interface from the digital host to the
AD7960 uses 1.8 V logic only. The AD7960 uses an LVDS
interface to transfer data conversions. The CNV+ and CNV−
inputs to the part activate the conversion of the analog input.
The CNV+ and CNV− pins can be applied using a CMOS or
LVDS source.
The AD7960 is housed in a space-saving, 32-lead, 5 mm ×
5 mm LFCSP package.
CONVERTER INFORMATION
The AD7960 is a 5 MSPS ADC that uses SAR-based archi-
tecture based on a charge redistribution DAC. Figure 28 shows
a simplified schematic of the ADC. The capacitive DAC consists
of two identical arrays of 18 binary weighted capacitors that are
connected to the two comparator inputs.
During the acquisition phase, the terminals of the array tied
to the input of the comparator are connected to GND via SW+
and SW−. All independent switches are connected to the analog
inputs. In this way, the capacitor arrays are used as sampling
capacitors and acquire the analog signal on the IN+ and IN−
inputs. A conversion phase is initiated when the acquisition
phase is complete and the CNV± input goes high. Note that the
AD7960 can receive a CMOS or LVDS format CNV± signal.
When the conversion phase begins, SW+ and SW− are opened
first. The two-capacitor arrays are then disconnected from the
inputs and connected to the GND input. Therefore, the differential
voltage between the inputs (IN+ and IN−) captured at the end
of the acquisition phase is applied to the comparator inputs,
causing the comparator to become unbalanced. By switching
each element of the capacitor array between GND and REF (the
reference voltage), the comparator input varies by binary
weighted voltage steps (VREF/2, VREF/4 … VREF/262,144). The
control logic toggles these switches, MSB first, to bring the
comparator back into a balanced condition. At the completion
of this process, the control logic generates the ADC output code.
The AD7960 digital interface uses low voltage differential
signaling (LVDS) to enable high data transfer rates.
The AD7960 conversion result is available for reading after
tMSB (time from the conversion start until MSB is available)
elapses. The user must apply a burst LVDS CLK± signal to the
AD7960 to transfer data to the digital host.
The CLK± signal outputs the ADC conversion result onto the
data output, D±. The bursting of the CLK± signal, illustrated in
Figure 35 and Figure 36, is characterized as follows:
•
Hold the differential voltage on CLK± in a steady state in
the window of time between tCLKL and tMSB.
•
The AD7960 has two data read modes. For more
information about the echoed clock and self clocked
interface modes, see the Digital Interface section.
SW+
COMP
SW–
IN+
REF
GND
LSB
MSB
131,072C
65,536C
4C
2C
C
C
CNV+, CNV–
IN–
131,072C
65,536C
4C
2C
C
C
LSB
MSB
GND
GND
LVDS INTERFACE
OUTPUT CODE
SWITCHES
CONTROL
CLK+, CLK–
DCO+, DCO–
D+, D–
DATA
TRANSFER
CONVERSION
CONTROL
CONTROL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com