Electronic Components Datasheet Search
  English  ▼

X  

AD7643 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7643
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7643 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7643 Datasheet HTML 4Page - Analog Devices AD7643 Datasheet HTML 5Page - Analog Devices AD7643 Datasheet HTML 6Page - Analog Devices AD7643 Datasheet HTML 7Page - Analog Devices AD7643 Datasheet HTML 8Page - Analog Devices AD7643 Datasheet HTML 9Page - Analog Devices AD7643 Datasheet HTML 10Page - Analog Devices AD7643 Datasheet HTML 11Page - Analog Devices AD7643 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7960
Data Sheet
Rev. 0 | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 19, 20
VDD1
P
Analog 5 V Supply. Decouple the 5 V supply with a 100 nF capacitor.
2, 18, 25
VDD2
P
Analog 1.8 V Supply. Decouple this pin with a 100 nF capacitor.
12
VIO
P
Input/Output Interface Supply. Use a 1.8 V supply and decouple this pin with a 100 nF capacitor.
13, 24
GND
P
Ground.
26, 27, 28
REF_GND
P
Reference Ground. Connect the capacitors on the REF pin between REF and REF_GND. Tie REF_GND to
GND.
3
REFIN
AI
Prebuffer Reference Voltage. It is driven with an external reference voltage of 2.048 V. When driving an
external 2.048 V reference, a 100 nF capacitor is required. If using an external 5 V or 4.096 V reference
(connected to REF), connect this pin to ground.
4, 5, 6, 7
EN0, EN1,
EN2,2 EN3
DI
Enable.2 The logic levels of these pins set the operation of the device, as described in Table 8.
8, 9
CNV−, CNV+
DI
Convert Input. These pins act as the conversion control pin. On the rising edge of these pins, the
analog inputs are sampled and a conversion cycle is initiated. CNV+ works as a CMOS input when
CNV− is grounded; otherwise, CNV+ and CNV− are differential LVDS inputs.
10, 11
D−, D+
DO
LVDS Data Outputs. The conversion data is output serially on these pins.
14, 15
DCO−, DCO+
DO
LVDS Buffered Clock Outputs. When DCO+ is grounded, the self clocked interface mode is selected. In
this mode, the 18-bit results on D± are preceded by an initial 0 (which is output at the end of the
previous conversion), followed by a 2-bit header (10) to allow synchronization of the data by the digital
host with extra logic. The 1 in this header provides the reference to acquire the subsequent conversion
result correctly. When DCO+ is not grounded, the echoed clock interface mode is selected. In this
mode, DCO± is a copy of CLK±. The data bits are output on the falling edge of DCO+ and can be
captured in the digital host on the next rising edge of DCO+.
16, 17
CLK−, CLK+
DI
LVDS Clock Inputs. This clock shifts out the conversion results on the falling edge of CLK+.
21
VCM
AO
Common-Mode Output. When using any reference scheme, this pin produces one-half the voltage
present on the REF pin, which can be useful for driving the common mode of the input amplifiers.
22
IN−
AI
Differential Negative Analog Input. Referenced to and must be driven 180° out of phase with IN+.
23
IN+
AI
Differential Positive Analog Input. Referenced to and must be driven 180° out of phase with IN−.
29, 30, 31, 32
REF
AI/O
Buffered Reference Voltage. When using the 2.048 V external reference (REFIN input), the 4.096 V
system reference is produced at this pin. When using an external reference of 4.096 V or 5 V on this pin,
the internal reference buffer must be disabled. Connect the REF pins with the shortest trace possible to
a single 10 μF, low ESR, low ESL capacitor. The other side of the capacitor must be placed close to GND.
33
EP
Exposed Pad. The exposed pad is located on the underside of the package. Connect the exposed pad
to the ground plane of the PCB using multiple vias.
1
AI = analog input; AI/O = bidirectional analog; AO = analog output; DI = digital input; DO = digital output; P = power.
2
EN2 = 0 sets the 28 MHz of input bandwidth, and EN2 = 1 sets the 9 MHz of input bandwidth. EN3 = 1 enables the VCM reference output.
PIN 1
INDICATOR
1
VDD1
2
VDD2
3
REFIN
4
EN0
5
EN1
6
EN2
7
EN3
8
CNV–
24 GND
23 IN+
22 IN–
21 VCM
20 VDD1
19 VDD1
18 VDD2
17 CLK+
TOP VIEW
(Not to Scale)
AD7960
NOTES
1. CONNECT THE EXPOSED PAD TO THE
GROUND PLANE OF THE PCB
USING MULTIPLE VIAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com