Electronic Components Datasheet Search
  English  ▼

X  

E3B2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3B2
Description  Plug-in Base, Long Range Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3B2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3B2 Datasheet HTML 1Page - Omron Electronics LLC E3B2 Datasheet HTML 2Page - Omron Electronics LLC E3B2 Datasheet HTML 3Page - Omron Electronics LLC E3B2 Datasheet HTML 4Page - Omron Electronics LLC E3B2 Datasheet HTML 5Page - Omron Electronics LLC E3B2 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
E3B2
E3B2
6
Unite: mm (inch)
Dimensions
5
(1.97)
4
(13.12)
3
(9.84)
2
(6.56)
1
(3.28)
0
10
(3.94)
20
(7.87)
30
(11.81)
5
(16.40)
d
d
Minimum target size "d" in cm (inches)
with 90% reflectance mat paper
E3B2-D2M4
I
I-US
E3B2-D2M4 -US-
Operating Range continued
2
Detecting distance X in meters
with 30 x 30 cm (11.8 x 11.8 in)
90% reflectance white mat paper
0
1
3
10
30
3.5
10
30
20
20
I SENSOR
I DETECTING DISTANCE VS. MINIMUM
TARGET SIZE (at maximum sensitivity)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com