Electronic Components Datasheet Search
  English  ▼

X  

E3S-R2E4 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3S-R2E4
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E4 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3S-R2E4 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 9Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 10Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 11Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 12Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 13Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 14Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
E3S
11
15.4
4
3.2
16
9
16.7
21
10.5
40
(50)
16
9
4
3.2
5.5
20
30
5
11.4
16.7
9
16.8
27.3
1.2
Indicator
Two, M3
a*
Lens: 7 x 13
6 dia. 12.8 dia.
Sensitivity adjuster
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2, Insulator diameter: 1.1 mm),
Standard length: 2 m
Weight: Approx. 80 g
Emitter
Receiver
* The mounting bracket can also be used on side
a.
E3S-DS10E4
21
11
5
15.4
4
3.2
16
9
16.7
40
29.5
(50)
5.5
4
3.2
5.5
20
30
5
16.7
9
27.3
1.2
Indicator
Two, M3
Lens: 7 x 13
Sensitivity
adjuster
Emitter
Receiver
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2, Insulator diameter: 1.1 mm),
Standard length: 2 m
Weight: Approx. 80 g
6 dia.12.8 dia.
a*
* The mounting bracket can also be used on side
a.
E3S-DS10E41
20.4
(32)
6.5
4.2
2.1R
2.1R
4.2
5
25.4
39
1.9
55
(67)
13
7
11
20
23
7.1
22.2
20
5
20
12
22
24.9
1.6
Indicator
Two, M4
slotted hexagonal bolts
Lens: 10 x 15
13 dia.
Sensitivity adjuster
Emitter
Receiver
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2, Insulator diameter: 1.1 mm),
Standard length: 2 m
Weight: Approx. 155 g
a*
* The mounting bracket can also be used on side
a.
E3S-R2E4
E3S-DS30E4
18.6
(32)
23
20
22.2
6.5
4.2
2.1R
2.1R
4.2
5
25.4
39
63
(75)
13
7
11
20
5
20
12
1.6
20.4
1.9
Indicator
Two, M4
slotted hexagonal bolts
Lens: 10 x 15
13 dia.
Sensitivity adjuster
Emitter
Receiver
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2, Insulator diameter: 1.1 mm),
Standard length: 2 m
Weight: Approx. 165 g
a*
* The mounting bracket can also be used on side
a.
E3S-R2E41
E3S-DS30E41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com