Electronic Components Datasheet Search
  English  ▼

X  

G2R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G2R
Description  Creepage distance of 8.0 mm min. between coil and con tact.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R Datasheet(HTML) 1 Page - Omron Electronics LLC

  G2R Datasheet HTML 1Page - Omron Electronics LLC G2R Datasheet HTML 2Page - Omron Electronics LLC G2R Datasheet HTML 3Page - Omron Electronics LLC G2R Datasheet HTML 4Page - Omron Electronics LLC G2R Datasheet HTML 5Page - Omron Electronics LLC G2R Datasheet HTML 6Page - Omron Electronics LLC G2R Datasheet HTML 7Page - Omron Electronics LLC G2R Datasheet HTML 8Page - Omron Electronics LLC G2R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Power PCB Relay
G2R
209
Power PCB Relay
G2R
• Creepage distance of 8.0 mm min. between coil and con-
tact.
• Dual-winding latching type available.
• Plug-in and quick-connect terminals available
(see G2R-S(S) data sheet).
• High sensitivity (360 mW) and high capacity (16 A) types
available.
• Highly stable magnetic circuit for latching endurance and
excellent resistance to vibration and shock.
• Safety-oriented design assuring high surge resistance:
10,000 V min. between coil and contacts.
• UL recognized / CSA certified. RoHS Complaint
Ordering Information
To order: Select the part number and add the desired coil voltage rating (e.g., G2R-14-DC12).
■ Non-Latching
1-Pole - PCB Types
1-Pole - Quick-connect Types
2-Pole - PCB Types
Note: 1. Bifurcated button available.
2. For individual product agency approvals consult factory.
3. Class B coil insulation available.
Type
Contact material
Contact form
Construction
Model
General purpose
Ag alloy
SPDT
Semi-sealed
G2R-1
Sealed
G2R-14
SPST-NO
Semi-sealed
G2R-1A
Sealed
G2R-1A4
High-capacity
SPDT
Semi-sealed
G2R-1-E
SPST-NO
G2R-1A-E
High-sensitivity
SPDT
G2R-1-H
Sealed
G2R-14-H
SPST-NO
Semi-sealed
G2R-1A-H
Sealed
G2R-1A4-H
Type
Contact material
Contact form
Terminal
Model
Upper-mount bracket
Ag alloy
SPDT
Quick connect
G2R-1-T
SPST-NO
G2R-1A-T
Type
Contact material
Contact form
Construction
Model
General purpose
Ag alloy
DPDT
Semi-sealed
G2R-2
Sealed
G2R-24
DPST-NO
Semi-sealed
G2R-2A
Sealed
G2R-2A4
High sensitivity
DPDT
Semi-sealed
G2R-2-H
Sealed
G2R-24-H
DPST-NO
Semi-sealed
G2R-2A-H
Sealed
G2R-2A4-H


Similar Part No. - G2R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G2R OMRON-G2R Datasheet
1Mb / 19P
A Power Relay for a Variety of Purposes with Various Models
G2R OMRON-G2R Datasheet
702Kb / 19P
Power PCB Relay
5/03
G2R OMRON-G2R Datasheet
3Mb / 14P
PCB Power Relay
G2R-1 OMRON-G2R-1 Datasheet
1Mb / 19P
PCB Relay A Power Relay for a Variety of Purposes with Various Models
More results

Similar Description - G2R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC110L SHARP-PC110L Datasheet
98Kb / 6P
Long Creepage Distance Type Photocoupler
PC121 SHARP-PC121 Datasheet
387Kb / 6P
LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
logo
DinTek Semiconductor Co...
DTS6401 DINTEK-DTS6401 Datasheet
3Mb / 10P
Power MOSFET Sink to Lead Creepage Distance = 4.8 mm
logo
Omron Electronics LLC
G2R-1A-E-T130-DC24 OMRON-G2R-1A-E-T130-DC24 Datasheet
656Kb / 12P
Creepage distance of 8.0 mm min. between coil and con - tact.
logo
Kersemi Electronic Co.,...
IRFI530G KERSEMI-IRFI530G Datasheet
1Mb / 7P
Sink to Lead Creepage Distance = 4.8 mm
IRFI540G KERSEMI-IRFI540G Datasheet
1Mb / 7P
Sink to Lead Creepage Distance = 4.8 mm
logo
Murata Manufacturing Co...
GRM022C81C103ME01 MURATA1-GRM022C81C103ME01 Datasheet
176Kb / 2P
Distance between external terminals g
logo
Bourns Electronic Solut...
HCTSM100304FL BOURNS-HCTSM100304FL Datasheet
433Kb / 3P
HCTSM100304FL High Clearance and Creepage Distance Transformer
REV. 05/22
HCTSM150102HL BOURNS-HCTSM150102HL Datasheet
768Kb / 4P
HCTSM150102HL High Clearance and Creepage Distance Transformer
REV. 07/22
HCTSM8 BOURNS-HCTSM8 Datasheet
786Kb / 5P
HCTSM8 Series - High Clearance and Creepage Distance Transformers
REV. 05/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com