Electronic Components Datasheet Search
  English  ▼

X  

HD6433691G Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # HD6433691G
Description  Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433691G Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button HD6433691G Datasheet HTML 69Page - Renesas Technology Corp HD6433691G Datasheet HTML 70Page - Renesas Technology Corp HD6433691G Datasheet HTML 71Page - Renesas Technology Corp HD6433691G Datasheet HTML 72Page - Renesas Technology Corp HD6433691G Datasheet HTML 73Page - Renesas Technology Corp HD6433691G Datasheet HTML 74Page - Renesas Technology Corp HD6433691G Datasheet HTML 75Page - Renesas Technology Corp HD6433691G Datasheet HTML 76Page - Renesas Technology Corp HD6433691G Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 452 page
background image
Section 2 CPU
Rev.5.00 Nov. 02, 2005 Page 43 of 418
REJ09B0028-0500
Reset state
Program halt state
Exception-handling state
Program execution state
Reset cleared
SLEEP instruction executed
Reset
occurs
Interrupt
source
Reset
occurs
Interrupt
source
Exception-
handling
complete
Reset occurs
Figure 2.12 State Transitions
2.8
Usage Notes
2.8.1
Notes on Data Access to Empty Areas
The address space of this LSI includes empty areas in addition to the ROM, RAM, and on-chip
I/O registers areas available to the user. When data is transferred from CPU to empty areas, the
transferred data will be lost. This action may also cause the CPU to malfunction. When data is
transferred from an empty area to CPU, the contents of the data cannot be guaranteed.
2.8.2
EEPMOV Instruction
EEPMOV is a block-transfer instruction and transfers the byte size of data indicated by R4L,
which starts from the address indicated by R5, to the address indicated by R6. Set R4L and R6 so
that the end address of the destination address (value of R6
+ R4L) does not exceed H'FFFF (the
value of R6 must not change from H'FFFF to H'0000 during execution).
2.8.3
Bit Manipulation Instruction
The BSET, BCLR, BNOT, BST, and BIST instructions read data from the specified address in
byte units, manipulate the data of the target bit, and write data to the same address again in byte
units. Special care is required when using these instructions in cases where two registers are
assigned to the same address or when a bit is directly manipulated for a port or a register
containing a write-only bit, because this may rewrite data of a bit other than the bit to be
manipulated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com