Electronic Components Datasheet Search
  English  ▼

X  

JC2AF-DC6V-F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # JC2AF-DC6V-F
Description  Wide variation 1a 15A, 2a 10A power relays High inrush current capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JC2AF-DC6V-F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  JC2AF-DC6V-F Datasheet HTML 1Page - Panasonic Semiconductor JC2AF-DC6V-F Datasheet HTML 2Page - Panasonic Semiconductor JC2AF-DC6V-F Datasheet HTML 3Page - Panasonic Semiconductor JC2AF-DC6V-F Datasheet HTML 4Page - Panasonic Semiconductor JC2AF-DC6V-F Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
JC
Plug-in type
1) JC 1 Form A
External dimensions
Accept Faston 187
30
1.181
2.4
.094
8.35
.329
2.5
.098
9
.354
19
.748
30
1.181
12
.472
26.7
1.051
10.7
.421
3.1
.122
0.5
.020
1.4 dia.
.055
8.35
.329
2.5
.098
4.75
.187
Schematic (Bottom view)
6
3
N.O.
Coil
COM
5
1
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
General tolerance
±0.2 ±.008
±0.3 ±.012
±0.5 ±.020
2) JC 2 Form A
External dimensions
Accept Faston 187
30
1.181
26.7
1.051
1.4 dia.
.055
8.35
.329
2.5
.098
30
1.181
2.4
.094
8.35
.329
2.5
.098
19
.748
9
.354
3.1
.122
4.75
.187
0.5
.020
10.7
.421
12
.472
Schematic (Bottom view)
6
34
5
2
1
COM
Coil
N.O.
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
General tolerance
±0.2 ±.008
±0.3 ±.012
±0.5 ±.020
ASCTB79E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com