Electronic Components Datasheet Search
  English  ▼

X  

ADP190 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP190
Description  Logic Controlled, High-Side Power Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP190 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP190 Datasheet HTML 8Page - Analog Devices ADP190 Datasheet HTML 9Page - Analog Devices ADP190 Datasheet HTML 10Page - Analog Devices ADP190 Datasheet HTML 11Page - Analog Devices ADP190 Datasheet HTML 12Page - Analog Devices ADP190 Datasheet HTML 13Page - Analog Devices ADP190 Datasheet HTML 14Page - Analog Devices ADP190 Datasheet HTML 15Page - Analog Devices ADP190 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADP190/ADP191
Rev. D | Page 14 of 16
In cases where the board temperature is known, use the thermal
characterization parameter, ΨJB, to estimate the junction temper-
ature rise. Maximum junction temperature (TJ) is calculated
from the board temperature (TB) and power dissipation (PD)
using the formula
TJ = TB + (PD × ΨJB)
(4)
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
MAX JUNCTION TEMPERATURE
LOAD CURRENT = 1mA
LOAD CURRENT = 10mA
LOAD CURRENT = 25mA
LOAD CURRENT = 50mA
LOAD CURRENT = 75mA
LOAD CURRENT = 100mA
LOAD CURRENT = 150mA
Figure 37. ADP190 PCB Layout
Figure 36. TB = 85°C
PCB LAYOUT CONSIDERATIONS
Improve heat dissipation from the package by increasing the
amount of copper attached to the pins of the ADP190/ADP191.
However, as listed in Table 6, a point of diminishing returns is
eventually reached, beyond which an increase in the copper size
does not yield significant heat dissipation benefits.
It is critical to keep the input and output traces as wide and as
short as possible to minimize the circuit board trace resistance.
Figure 38. ADP191 PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com