Electronic Components Datasheet Search
  English  ▼

X  

ADP1872 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1872
Description  Synchronous Current-Mode with Constant On-time, PWM Buck
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1872 Datasheet(HTML) 1 Page - Analog Devices

  ADP1872 Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Synchronous Current-Mode with
Constant On-time, PWM Buck
Preliminary Technical Data
ADP1872
Rev. PrA
PR08297-0-6/09(PrA)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©200
9 Analog Devices, Inc. All rights reserved.
FEATURES
Power input voltage range: 2.7V to 20V
Bias supply voltage range: 2.7V to 5.5V
Minimum Output voltage 0.6V
1.0% Accuracy, 0.6V Reference Voltage
Supports all N-channel MOSFET power Stage
Available in 300 KHz, 600 KHz and 1.0 MHz
No Current Sense Resistor Required
Power saving mode under light loads
Resistor Programmable Current Sense Gain
Thermal overload protection
Short circuit protection
Precision Enable Input
Integrated boot strap diode for High Side Drive
180
μA typical shutdown supply current
Starts into a pre-charged load
Small, 10-lead MSOP package
APPLICATIONS
Telecom and networking systems
Mid to High End servers
Set-top boxes
Medical imaging systems
DSP core power supplies
GENERAL DESCRIPTION
The ADP1872 is a versatile current mode synchronous step-
down controller. ADP1872 uses a constant ON-time, pseudo
fixed frequency with programmable Current Sense Gain
Current Control scheme for superior transient response,
optimal stability and current limit protection. It utilizes Valley
Current Mode Control architecture for optimum performance
at low Duty Cycles. It drives an all N-channel power stage to
regulate output voltages as low as 0.6V.
ADP1872 is well suited for a wide range of applications, from
Set Top Box design to Communication Infrastructure. The IC
can operate from a 2.7V to 5.5V supply but the power input can
be as high as 20V.
ADP1872 is available in three versions ADP1872A, ADP1872B
and ADP1872C with each version programmed respectively to
300KHz, 600KHz and 1MHz pseudo fixed frequency.
ADP1872 includes an internally fixed, soft start period to limit
input in-rush current from the input supply during startup and
reverse current protection during soft start for a pre-charged
output. The low-side current sense, current-gain scheme and
PSM / Forced PWM options reduces external part count and
improves efficiency.
The ADP1872 operates over the –40°C to +125°C junction
temperature range and is available in a 10-pin MSOP package.


Similar Part No. - ADP1872

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1870-0.3-EVALZ AD-ADP1870-0.3-EVALZ Datasheet
1Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Cirrus Logic
ADP1870-0.3-EVALZ APEX-ADP1870-0.3-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Analog Devices
ADP1870-0.6-EVALZ AD-ADP1870-0.6-EVALZ Datasheet
1Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1870-1.0-EVALZ AD-ADP1870-1.0-EVALZ Datasheet
1Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
More results

Similar Description - ADP1872

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
600mA Constant On-Time Synchronous Buck Regulator
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
20-Feb-12
SIP12116 VISHAY-SIP12116 Datasheet
942Kb / 18P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
06-Mar-17
SIP12117 VISHAY-SIP12117 Datasheet
926Kb / 18P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
06-Mar-17
SIP12107 VISHAY-SIP12107_V01 Datasheet
911Kb / 20P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com