Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7680
Description  16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices AD7680 Datasheet HTML 10Page - Analog Devices AD7680 Datasheet HTML 11Page - Analog Devices AD7680 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD7980-EP
Rev. 0 | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V, VREF = 5.0 V, VIO = 3.3 V, unless otherwise noted.
1.25
–1.25
0
65536
CODE
1.00
0.75
0.50
0.25
–0.25
–0.75
0
–0.50
–1.00
16384
32768
49152
POSITIVE INL: +0.33 LSB
NEGATIVE INL: –0.39 LSB
Figure 5. Integral Nonlinearity vs. Code, REF = 5 V
1.25
1.00
–1.25
–1.00
0
65536
CODE
0.75
0.50
0.25
–0.25
–0.75
0
–0.50
16384
32768
49152
POSITIVE INL: +0.47 LSB
NEGATIVE INL: –0.26 LSB
Figure 6. Integral Nonlinearity vs. Code, REF = 2.5 V
0
–180
0
500
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
100
200
300
400
fS = 1 MSPS
fIN = 10kHz
SNR = 91.27dB
THD = –114.63dB
SFDR = 110.10dB
SINAD = 91.25dB
Figure 7. FFT Plot, REF = 5 V
1.00
–1.00
0
65536
CODE
0.75
0.50
0.25
–0.25
–0.75
0
–0.50
16384
32768
49152
POSITIVE INL: +0.18 LSB
NEGATIVE INL: –0.21 LSB
Figure 8. Differential Nonlinearity vs. Code, REF = 5 V
1.00
–1.00
0
65536
CODE
0.75
0.50
0.25
–0.25
–0.75
0
–0.50
16384
32768
49152
POSITIVE INL: +0.25 LSB
NEGATIVE INL: –0.22 LSB
Figure 9. Differential Nonlinearity vs. Code, REF = 2.5 V
0
–180
0
500
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
100
200
300
400
fS = 1 MSPS
fIN = 10kHz
SNR = 86.8dB
THD = –111.4dB
SFDR = 105.9dB
SINAD = 86.8dB
Figure 10. FFT Plot, REF = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com