Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7942
Description  16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7942 Datasheet HTML 4Page - Analog Devices AD7942 Datasheet HTML 5Page - Analog Devices AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices AD7942 Datasheet HTML 10Page - Analog Devices AD7942 Datasheet HTML 11Page - Analog Devices AD7942 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7980-EP
Rev. 0 | Page 9 of 12
180k
0
800C 800D 800E 800F
8009
8008
800B
800A
8003
8005
8004
8007
8006
2
0
0
0
33
829
0
27
0
1201
CODE IN HEX
140k
160k
100k
120k
60k
20k
80k
40k
38751
168591
52710
Figure 11. Histogram of a DC Input at the Code Center, REF = 5 V
70k
0
7FFF
8008
8001
8000
8003
8002
8005
8004
8007
8006
0
0
150
2
59691
5428
59404
3
93
CODE IN HEX
60k
50k
30k
10k
40k
20k
6295
Figure 12. Histogram of a DC Input at the Code Transition, REF = 5 V
100
80
85
90
95
2.25
5.25
REFERENCE VOLTAGE (V)
16
12
13
14
15
2.75
3.25
3.75
4.25
4.75
SNR
SINAD
ENOB
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
60k
0
7FFA
8006
7FFC
7FFB
7FFE 7FFF
7FFD
8001
8000
8003 8004 8005
8002
0
0
0
0
539
16
14
502
CODE IN HEX
50k
30k
10k
40k
20k
32417
52212
31340
7225
6807
Figure 14. Histogram of a DC Input at the Code Center, REF = 2.5 V
95
85
87
89
92
91
93
94
86
88
90
–10
0
INPUT LEVEL (dB OF FULL SCALE)
–9
–8
–7
–6
–5
–4
–3
–2
–1
Figure 15. SNR vs. Input Level
–95
–125
–110
–115
–105
–100
–120
115
85
100
95
105
110
90
2.25
5.25
REFERENCE VOLTAGE (V)
2.75
3.25
3.75
4.25
4.75
THD
SFDR
Figure 16. THD, SFDR vs. Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com