Electronic Components Datasheet Search
  English  ▼

X  

EVQWKA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVQWKA
Description  Edge Drive Jog Encoders Tactile rotary operation and push operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQWKA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVQWKA Datasheet HTML 1Page - Panasonic Semiconductor EVQWKA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Encoders/EVQWK
– EV45 –
R0.25
1.5
2.5
10.2
φ15.00±0.15
φ3.0
Pin-gate within
φ8.0
Custom-made knob available
N.C.
N.C.
B
SW1
SW2
SW1
com
A
0.5
1.2
0
–0.1
Ground terminals for ESD
0.12
8.0
4.1
A
Part
(terminal)
1.0
R1.45
1.4
6.4
3.80
±0.15
0.5
φ1.0
0
–0.1
R5.0
±0.1
0.5 max.
A
Detail
Circuit diagram
Com
A
SW1
SW2
B
SW1
PWB mounting hole for reference
(Pitch tolerance:
±0.1)
View from mounting side
2-R0.5
5.0
6.4
φ1.10
+0.05
0
1.2
+0.1
0
2-1.0
4-R0.5
Support leg
(No electrical connection)
Terminal for reinforcing
PWB mounting hole for reference
(Pitch tolerance:
±0.1)
View from mounting side
Recommended
land pattern
1.6
±0.2
0.3 max.
R0.3
φ15.00±0.15
φ9.8
φ2.5
N.C
10.2
B
SW2
SW1
SW1
com
A
N.C
0.55
±0.10
2-C0.25
6-1.0
5-1.75
4.4
5.8
2-2.2
2.5
1.4
5.5
4.70
±0.15
φ1.0 0
-0.1
(0.5)
1.4
4.1
R1.45
φ1.0 0
-0.1
9.5
4.3
1.3
1.4
■ Dimensions in mm (not to scale)
No. 2
No. 1
EVQWK4
EVQWKA
Thin-type
(H=3.5 mm)
Oct. 2012
00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com