Electronic Components Datasheet Search
  English  ▼

X  

G2RL Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G2RL
Description  A Power Relay with Various Models
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RL Datasheet(HTML) 1 Page - Omron Electronics LLC

  G2RL Datasheet HTML 1Page - Omron Electronics LLC G2RL Datasheet HTML 2Page - Omron Electronics LLC G2RL Datasheet HTML 3Page - Omron Electronics LLC G2RL Datasheet HTML 4Page - Omron Electronics LLC G2RL Datasheet HTML 5Page - Omron Electronics LLC G2RL Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PCB Relay
G2RL
221
PCB Relay
G2RL
A Power Relay with Various Models
• High-sensitivity (250 mW) and High-capacity (16 A) versions.
• Designed for cooking and HVAC controls: blower motor,
damper, active air purification, duct flow boost fans, etc.
• Conforms to VDE (EN61810-1). UL recognized/ CSA certiified
• Meets EN60335-1 requirements for household products.
• Clearance and creepage distance: 10 mm/10 mm.
• Tracking resistance: CTI>250
• Coil Insulation system: Class F.
• RoHS Compliant
Ordering Information
Model Number Legend
1. Number of Poles
1:
1 pole
2:
2 poles
2. Contact Form
None:
@PDT
A:
@PST-NO
3. Enclosure Ratings
None: Flux protection
4:
Fully sealed
4. Classification
None: General purpose
E:
High capacity (1 pole)
H:
High sensitivity (1 pole)
Specifications
■ Coils Ratings for General-purpose and High-capacity Models
Note: The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
Classification
Enclosure
ratings
Contact form
SPST-NO
SPDT
DPST-NO
DPDT
General-purpose
Flux protection
G2RL-1A
G2RL-1
G2RL-2A
G2RL-2
Fully sealed
G2RL-1A4
G2RL-14
G2RL-2A4
G2RL-24
High-capacity
Flux protection
G2RL-1A-E
G2RL-1-E
---
---
Fully sealed
G2RL-1A4-E
G2RL-14-E
---
---
High-sensitivity
Flux protection
G2RL-1A-H
G2RL-1-H
---
---
Rated coil voltage
Note: When ordering, add the rated coil voltage to the model number.
Example: G2RL-1A DC12
G2RL-
@@@-@
1
23
4
Rated voltage
5 VDC
12 VDC
24 VDC
48 VDC
Rated current
80.0 mA
33.3 mA
16.7 mA
8.96 mA
Coil resistance
62.5
Ω
360
Ω
1,440
Ω
5,358
Ω
Must operate voltage
70% max. of the rated voltage
Must release voltage
10% min. of the rated voltage
Max. voltage
180% of rated voltage (at 23
°C)
Power consumption
Approx. 400 mW
Approx. 430 mW


Similar Part No. - G2RL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL OMRON-G2RL Datasheet
946Kb / 8P
PCB Relay
G2RL-1 OMRON-G2RL-1 Datasheet
946Kb / 8P
PCB Relay
G2RL-1 OMRON-G2RL-1 Datasheet
513Kb / 6P
A Power Relay with Various Models
G2RL-1 OMRON-G2RL-1 Datasheet
513Kb / 6P
PCB Relay
G2RL-1 OMRON-G2RL-1 Datasheet
513Kb / 6P
A Power Relay with Various Models
More results

Similar Description - G2RL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A OMRON-G2R-1A Datasheet
1Mb / 19P
PCB Relay A Power Relay for a Variety of Purposes with Various Models
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
DC Power Relays (60-A, 100-A Models)
G9EB-1 OMRON-G9EB-1 Datasheet
247Kb / 8P
DC Power Relays (25-A Models)
G9EC-1 OMRON-G9EC-1 Datasheet
421Kb / 10P
DC Power Relays (200-A Models)
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
A Power Relay with Various Models
P2RF-08-E OMRON-P2RF-08-E Datasheet
1Mb / 19P
A Power Relay for a Variety of Purposes with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
A Power Relay with Various Models
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com