Electronic Components Datasheet Search
  English  ▼

X  

G6K Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6K
Description  Low Signal Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6K Datasheet HTML 1Page - Omron Electronics LLC G6K Datasheet HTML 2Page - Omron Electronics LLC G6K Datasheet HTML 3Page - Omron Electronics LLC G6K Datasheet HTML 4Page - Omron Electronics LLC G6K Datasheet HTML 5Page - Omron Electronics LLC G6K Datasheet HTML 6Page - Omron Electronics LLC G6K Datasheet HTML 7Page - Omron Electronics LLC G6K Datasheet HTML 8Page - Omron Electronics LLC G6K Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
54
Low Signal Relay
G6K
■ Coil Data
G6K- 2.5 mm coil-contact terminal spacing, standard, non-latching (G6K-2F, G6K-2G, G6K-2P)
G6K- 3.2 mm coil-contact terminal spacing, non-latching (G6K-2F-Y, G6K-2G-Y, G6K-2P-Y)
G6KU- 3.2 mm spacing, single coil latching (G6KU-2F-Y, G6KU-2G-Y, G6KU-2P-Y)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
° C with a tolerance of ± 10%.
2. The operating characteristics are measured at a coil temperature of 23
° C unless otherwise specified.
3. Pick-up voltage will vary with temperature
4. The maximum voltage is the highest voltage that can be imposed on the relay coil instantaneously.
■ Characteristics
Note: 1. The contact resistance was measured with 10 mA at 1 VDC with a voltage-drop method.
2. Values in parentheses are typical values unless otherwise stated.
3. The insulation resistance was measured with a 500-VDC megohmmeter applied to the same parts as those for checking the dielectric strength.
4. Data shown are of initial value.
5. The minimum set/reset signal width is 10 ms, for latching coil versions.
Rated voltage
(VDC)
Rated current
(mA)
Coil resistance
(
Ω)
Pick-up voltage
Dropout voltage
Maximum voltage
Power consumption
(mW)
% of rated value
3
33.0
91
80% max.
10% min.
150% max.
@ 23
° C to 70° C
Approx. 100
4.5
23.2
194
5
21.1
237
6
17.6
341
9
11.3
795
12
9.1
1,315
24
4.6
5,220
Rated voltage
(VDC)
Rated current
(mA)
Coil resistance
(
Ω)
Set-up voltage
Reset voltage
Maximum voltage
Power consumption
(mW)
% of rated value
3
33.0
91
75% max.
75% min.
150% max.
@ 23
° C to 70° C
Approx. 100
4.5
23.2
194
5
21.1
237
6
17.6
341
9
11.3
795
12
9.1
1,315
24
4.6
5,220
Contact resistance (See note 1)
100 m
Ω max.
Operate (set) time (See note 2)
3 ms max. (Approx. 1.4 ms - standard. Approx. 1.2 ms - latching)
Release (set) time (See note 2)
3 ms max. (Approx. 1.3 ms - standard. Approx. 1.2 ms - latching)
Insulation resistance (See note 3)
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
1,500 VAC for 1 minute between coil contacts
1,000 VAC for 1 minute between contacts of different poles
750 VAC for 1 minute between contacts of the same pole
Surge withstand voltage “-Y’ versions
2,500 V, (2 x 10
μs) between coil and contacts.
(Conforms to Bellcore specifications)
Standard versions
1,500 V, (10 x 160
μs) between coil and contacts / contacts of different and same polarity.
(Conforms to FCC Part 68)
Vibration
Mechanical durability 10 to 55 Hz; 5.0 mm double amplitude
Malfunction durability 10 to 55 Hz; 3.3 mm double amplitude
Shock
Mechanical durability 1,000 m/s2 (approx. 100G)
Malfunction durability 750 m/s2 (approx. 75G)
Ambient temperature
-40
° C to 70° C with no icing or condensation
Humidity
5 to 85% RH
Service life
Mechanical
50,000,000 operations min. (at 36,000 operations per hour)
Electrical
100,000 operations min. at rated load (at 1,800 operations per hour)
Weight
Approx. 0.7 g



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com